Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL53A Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SL53A
Description  SL53A SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SL53A Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SL53A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SL53A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SL53A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SL53A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N2061, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SL53A
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions SMA
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.25
1.65
0.049
0.065
B
3.95
4.60
0.156
0.181
C
2.25
2.95
0.089
0.116
D
1.95
2.90
0.077
0.114
E
0.75
1.60
0.030
0.063
F
4.80
5.60
0.189
0.220
G
0.05
0.20
0.002
0.008
H
0.15
0.41
0.006
0.016
Ordering Information
Marking Diagram
Device
Package
Shipping
SL53A
SMA
5000pcs / reel
SL53ATR
SMA
5000pcs / reel
Carrier Tape Specification SMA
SYMBOL
Millimeters
Min.
Max.
A
2.97
3.17
B
5.70
5.90
C
2.32
2.52
d
1.40
1.60
E
1.40
1.60
F
5.60
5.70
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
T
0.25
0.35
W
11.80
12.20
Where XXXXX is YYWWL
SL
= Device Type
5
= Forward Current (5A)
3
= Reverse Voltage (30V)
A
= Package type
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com