Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL56A Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SL56A
Description  SL56A SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SL56A Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SL56A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SL56A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SL56A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SL56A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N1565, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SL56A
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance Junction to
Ambient
RJA
DC operation
80
℃
/W
Approximate Weight
wt
-
0.06
g
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Thermal-Mechanical Specifications:
Mechanical Dimensions SMA
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.25
1.65
0.049
0.065
B
3.95
4.6
0.156
0.181
C
2.25
2.95
0.089
0.116
D
1.95
2.9
0.077
0.114
E
0.75
1.6
0.03
0.063
F
4.8
5.6
0.189
0.22
G
0.05
0.2
0.002
0.008
H
0.15
0.41
0.006
0.016
Ordering Information
Marking Diagram
Device
Package
Shipping
SL56A
SMA
(Pb-Free)
5000pcs / reel
SL56ATR
SMA
(Pb-Free)
5000pcs / reel
Where XXXXX is YYWWL
SL
= Device Type
5
= Forward Current (5A)
6
= Reverse Voltage (60V)
A
= Package type
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com