Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMT17-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # IMT17-AG6-R
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMT17-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  IMT17-AG6-R Datasheet HTML 1Page - Unisonic Technologies IMT17-AG6-R Datasheet HTML 2Page - Unisonic Technologies IMT17-AG6-R Datasheet HTML 3Page - Unisonic Technologies IMT17-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IMT17
DUAL TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
4
www.unisonic.com.tw
QW-R215-006,A
TYPICAL CHARACTERICS(cont.)
-1.0
-0.5
-0.1
-0.02
-1 -2
-5 -10 -20 -50 -100-200 -500
COLLECTOR CURRENT, IC (mA)
CollectorEmitter Saturation Voltage vs.
Collector Current (II)
-0.05
IC/IB=10
-1000
-0.3
-0.2
-0.03
-0.01
Ta = 100℃
Ta = 25℃
Ta = -40℃
-0.5
-0.1
-0.02
-1 -2
-5 -10 -20
-50 -100-200 -500
COLLECTOR CURRENT, IC (mA)
Collector Emitter Saturation Voltage vs.
Collector Current (I)
Ta = 25℃
-0.05
-0.2
IC/IB=50
IC/IB=20
IC/IB=10
-1000
-1.0
100
50
10
5
2
-1
-2
-5
-10
-0.5
-20
-50
COLLECTOR TO BASE VOLTAGE , VCB (V)
EMITTER TO BASE VOLTAGE , VEB (V)
Collector Output Capacitance vs. Collector Base Voltage
Emitter Input Capacitance vs. Emitter Base Voltage
Ta = 25℃
f =1MHz
20
IE =0A
IC =0A
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com