Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX2 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # IMX2
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMX2 Datasheet(HTML) 2 Page - Unisonic Technologies

  IMX2 Datasheet HTML 1Page - Unisonic Technologies IMX2 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC IMX2
DUAL TRANSISTORS
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R215-004,A
ELECTRICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
Ic= 50µA
60
V
Collector-Emitter Breakdown Voltage
BVCEO
Ic= 1mA
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 50µA
7
V
Collector Cut-Off Current
ICBO
VCB= 60V
0.1
µ
A
Emitter Cut-Off Current
IEBO
VEB= 7V
0.1
µ
A
Collector-Emitter Saturation Voltage
VCE(sat)
Ic / IB = 50mA/5mA
0.4
V
DC Current Transfer Ratio
hFE
VCE= 6V,Ic= 1mA
120
560
Transition Frequency
fT
VCE=12V,IE=-2mA,f=100MHz
(note)
180
MHz
Output Capacitance
Cob
VCB= 12V,IE=0A,f=1KHz
2
3.5
pF
Note: Transition frequency of the device.
CLASSIFICATION OF hFE
RANK
Q
R
S
RANGE
120-270
180-390
270-560
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com