Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM224-S14-R
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM224-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM224-S14-R Datasheet HTML 1Page - Unisonic Technologies LM224-S14-R Datasheet HTML 2Page - Unisonic Technologies LM224-S14-R Datasheet HTML 3Page - Unisonic Technologies LM224-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM224
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R105-023,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 1)
VCC
32
V
Differential Input voltage (Note 2)
VI(DIFF)
± 32
V
Input Voltage
VIN
-0.3 ~ +32
V
Output Short Circuit (one amplifier) to Ground (Ta≤25℃, VCC≤15V)
(Note 3)
Continuous
Power Dissipation(Ta=25°C)
PD
900
mW
Operation Temperature (Note 4)
TOPR
-25 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
NOTES: 1.All voltage values(except differential voltages and VCC specified for the measurement of IIN(OS) are with
respect to the network GND.
2. Differential voltages are at IN+ with respect to IN-.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
4.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature
range and assured by design from –25℃~+85℃.
ELECTRICAL CHARACTERISTICS (VCC=5V, unless otherwise specified, VCC=30V for testing only.)
PARAMETER
SYMBOL Ta(℃)
TEST CONDITIONS
*
MIN
TYP MAX UNIT
25
3
5
Input Offset Voltage
VIN(OS)
-25~85
VCC=5V to 30V,
VIC=VICR(min), VOUT=1.4V
7
mV
25
2
30
Input Offset Current
IIN(OS)
-25~85
VOUT=1.4V
100
nA
25
-20 -150
Input Bias Current
IB
-25~85
VOUT=1.4V
-300
nA
25
0~(VCC-1.5)
Input Common-mode Voltage
Range
VICR
-25~85
VCC=5V to 30V
0~(VCC-2)
V
25
RL=2kΩ
VCC-1.5
VCC=30V, RL=2kΩ
26
High
VOH
-25~85
VCC=30V, RL≥10kΩ
27
28
V
Output Voltage Level
Low
VOL
-25~85 RL ≤ 10kΩ
5
20
mV
25
50
100
Large Signal Current Gain
GV
-25~85
VCC=15V, VOUT=1V ~ 11V
RL≥2kΩ
25
V/mV
Common-mode Rejection Ratio CMRR
25
VIC=VICR(min)
70
80
dB
Supply Voltage Rejection Ratio
(∆VCC/∆VIO)
SVR
25
65
100
dB
Crosstalk Attenuation
VO1/VO2
25
f =1kHz ~ 20 kHz
120
dB
25
-20
-30
-60
-25~85
VCC=15V, VID=1V, VOUT=0
-10
25
10
20
-25~85
VCC=15V, VID=-1V, VOUT=15V
5
mA
Output Current
IOUT
25
VID=-1V, VOUT=200mV
12
30
µA
Short-circuit Output Current
IOS
25
VCC=5V, VOUT=0, GND at -5V
± 40 ± 60 mA
VOUT=2.5V, RL=∞
0.7
1.2
Supply Current (four amplifiers)
ICC
-25~85
VCC=30V, VOUT=0.5VCC, RL=∞
1.4
3
mA
Note: All characteristics are measured under open-loop conditions with zero common-mode input voltage.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-14
86
DIP-14
80
Thermal Resistance Junction-Ambient
TSSOP-14
θJA
113
℃
/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com