Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM224-P14-R
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM224-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM224-P14-R Datasheet HTML 1Page - Unisonic Technologies LM224-P14-R Datasheet HTML 2Page - Unisonic Technologies LM224-P14-R Datasheet HTML 3Page - Unisonic Technologies LM224-P14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO.,LTD
LM224
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,LTD
QW-R105-023,A
QUADRUPLE OPERATIONAL
AMPLIFIERS
DESCRIPTION
UTC LM224 consist of four independent, high-gain, frequency-
compensated operational amplifiers which are designed to operate
from a single power supply over a wide range of voltage. Operation
from split supplies is also possible so long as the difference
between the two supplies is 3V ~ 30V. The low supply current drain
is independent of the magnitude of the supply voltage.
The device can easily be implemented in single supply voltage
system, including transducer amplifiers, DC gain blocks, and all of
conventional OP Amp circuits.
FEATURES
* Wide Supply Voltage Range.(Single Supply: 3~30V)
* Low Supply Current Drain Independent of Supply Voltage: 0.8 mA
Typ
* Large DC voltage gain: 100dB
* Input Common-Mode Voltage Range Includes Ground.
* Low Input Bias and Offset Parameters
* Differential Input Voltage Range Equal to Maximum Rated Supply
Voltage: 32V
* Open-Loop Differential Voltage Amplification: 100 V/mV Typ
* Internal Frequency Compensation for Unity Gain
DIP-14
SOP-14
TSSOP-14
*Pb-free plating product number: LM224L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
LM224-D14-T
LM224L-D14-T
DIP-14
Tube
LM224-S14-R
LM224L-S14-R
SOP-14
Tape Reel
LM224-S14-T
LM224L-S14-T
SOP-14
Tube
LM224-P14-R
LM224L-P14-R
TSSOP-14
Tape Reel
LM224-P14-T
LM224L-P14-T
TSSOP-14
Tube


Similar Part No. - LM224-P14-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM224-LM324 STMICROELECTRONICS-LM224-LM324 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Texas Instruments
LM224-N TI1-LM224-N Datasheet
2Mb / 34P
Low-Power, Quad-Operational Amplifiers
REVISED JANUARY 2015
More results

Similar Description - LM224-P14-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM148 TI-LM148_06 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
Quadruple Operational Amplifiers
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com