Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC0302M Datasheet(PDF) 1 Page - CUI Devices

Part # GC0302M
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

GC0302M Datasheet(HTML) 1 Page - CUI Devices

  GC0302M Datasheet HTML 1Page - CUI Devices GC0302M Datasheet HTML 2Page - CUI Devices GC0302M Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: GC0302M | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 30 mm
• round Frame
• rated 0.03 W
• 32 Ω impedance
• neodymium magnet
• PET cone
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
0.03
0.15
W
impedance
at 1.0 KHz, 1.0 V
27.2
32
36.8
Ω
resonant frequency (Fo)
at 1.0 V
176
220
264
Hz
frequency response
Fo
3,000
Hz
sound pressure level
at 1 mW, 1 cm, avg at 0.8, 1.0, 1.2, 1.5 kHz
117
120
123
dB
buzz, rattle, etc.
must be normal at sine wave
0.98
V
dimensions
Ø29.8 x 6.0
mm
magnet
Nd-Fe-B
cone material
PET
terminal
solder pads
weight
5.8
g
operating temperature
-25
50
°C
hand soldering
for maximum 3 seconds
340
350
360
°C
RoHS
yes
Notes:
1. All specifications measured at 15~35°C, humidity at 25~75%, under 86~106 kPa pressure, unless otherwise noted.
Additional Resources: Product Page


Similar Part No. - GC0302M

ManufacturerPart #DatasheetDescription
logo
CUI INC
GC0301K CUI-GC0301K Datasheet
163Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
logo
CUI Devices
GC0301K CUID-GC0301K Datasheet
626Kb / 3P
SPEAKER
08/05/2022
logo
List of Unclassifed Man...
GC0308 ETC1-GC0308 Datasheet
2Mb / 32P
1/6.5?쇺? VGA CMOS Image Sensor
logo
Goford Semiconductor
GC030N65QF GOFORD-GC030N65QF Datasheet
1,000Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - GC0302M

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com