Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC0351P-1 Datasheet(PDF) 1 Page - CUI Devices

Part # GC0351P-1
Description  SPEAKER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

GC0351P-1 Datasheet(HTML) 1 Page - CUI Devices

  GC0351P-1 Datasheet HTML 1Page - CUI Devices GC0351P-1 Datasheet HTML 2Page - CUI Devices GC0351P-1 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: GC0351P-1 | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 16 x 35 mm
• rectangular frame
• 1.0 W
• 4 Ω
• neodymium magnet
• cloth cone
• open mounting holes
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
1.0
2.0
W
impedance
at 1.2 kHz, 2.0 V
3.4
4
4.6
Ω
resonant frequency (Fo)
at 2.0 V
504
630
756
Hz
frequency response
Fo
13,000
Hz
sound pressure level
at 1.0 W, 50 cm, avg at 0.6, 0.8, 1.0, 1.2 kHz
79
82
85
dB
buzz, rattle, etc.
must be normal at sine wave
2.0
V
dimensions
35 x 16 x 7.4
mm
magnet
Nd-Fe-B
cone material
cloth
terminal
solder pads
weight
4.2
g
operating temperature
-25
60
°C
hand soldering
for maximum 3 seconds
340
350
360
°C
RoHS
yes
Additional Resources: Product Page | 3D Model


Similar Part No. - GC0351P-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
GC0351P-1 CUI-GC0351P-1 Datasheet
595Kb / 2P
LOW PROFILE NOTEBOOK SPEAKER
More results

Similar Description - GC0351P-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com