Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34072L-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # MC34072L-S08-R
Description  HIGH SLEW RATE, WIDE BANDWIDTH , SINGLE SUPPLY OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34072L-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button MC34072L-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34072L-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34072L-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34072L-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34072L-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34072L-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34072L-S08-R Datasheet HTML 9Page - Unisonic Technologies MC34072L-S08-R Datasheet HTML 10Page - Unisonic Technologies MC34072L-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC34072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R105-007,C
TYPICAL CHARACTERISTICS(Cont.)
Percent Overshoot vs. Load Capacitance
10
100
20
10k
1.0k
Phase Margin vs. Load Capacitance
60
10
Load Capacitance, CL (pF)
70
10k
100
0
40
80
40
1.0k
0
10
100
30
Load Capacitance, CL (pF)
60
20
VCC = +15V
VEE = -15V
RL = 2.0k
VOUT = -10V ~ +10V
TA = 25℃
50
VCC = +15V
VEE = -15V
AY = +1.0
RL = 2.0k ~ ∞
VOUT = -10V ~ +10V
TA = 25℃
Gain Margin vs. Load Capacitance
10
14
2.0
10k
1.0k
Phase Margin vs. Temperature
80
125
0
0
6.0
12
40
100
0
-55
100
Load Capacitance, CL (pF)
8.0
20
60
VCC = +15V
VEE = -15V
AY = +1.0
RL = 2.0k ~ ∞
VOUT = -10V ~ +10V
VCC = +15V
VEE = -15V
AY = +1.0
RL = 2.0k ~ ∞
VOUT = -10V ~ +10V
TA = 25℃
10
4.0
CL = 100pF
CL = 10pF
CL = 1000pF
CL = 10000pF
-25
25
50
75
Ambient Temperature, TA (℃)
Gain Margin vs. Temperature
-55
16
125
50
Phase Margin and Gain Margin vs. Differential
Source Resistance
12
100k
0
4.0
10k
0
1.0
0
8.0
2.0
8.0
12
4.0
10
100
1.0k
Ambient Temperature, TA (℃)
VCC = +15V
VEE = -15V
AY = +1.0
RL = 2.0k ~ ∞
VOUT = -10V ~ +10V
CL = 100pF
CL = 10pF
CL = 10000pF
CL = 1000pF
-25
25
75
100
Ambient Temperature, TA (℃)
6.0
10
VCC = +15V
VEE = -15V
RT = R1 + R2
AY = +100
VOUT = 0V
TA = 25℃
Gain
Phase
R1
R2
70
10
30
20
50
40
60
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com