Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34119-P08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MC34119-P08-R
Description  LOW POWER AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34119-P08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  MC34119-P08-R Datasheet HTML 1Page - Unisonic Technologies MC34119-P08-R Datasheet HTML 2Page - Unisonic Technologies MC34119-P08-R Datasheet HTML 3Page - Unisonic Technologies MC34119-P08-R Datasheet HTML 4Page - Unisonic Technologies MC34119-P08-R Datasheet HTML 5Page - Unisonic Technologies MC34119-P08-R Datasheet HTML 6Page - Unisonic Technologies MC34119-P08-R Datasheet HTML 7Page - Unisonic Technologies MC34119-P08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC34119
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R107-038,E
TYPICAL CHARACTERISTICS
0
0
200
100
300
400
Load Power (mW)
Device Dissipation, 16Ω Load
1000
1200
400
800
600
VCC = 6.0V
VCC = 12V
VCC = 16V
VCC = 3.0V
200
0
0
200
400
600
800
1000
200
400
500
Load Power (mW)
Device Dissipation, 32Ω Load
0
0
2.0
100
400
500
Output Power, POUT (mW)
Distortion Versus Power
(f = 1.0kHz, AVD = 34dB)
8.0
10
4.0
6.0
100
300
VCC = 6.0V
VCC = 3.0V
VCC = 12V
200
VCC = 16V
1200
300
VCC = 12V,16V
RL = 32Ω
VCC = 6.0V
RL = 32Ω
VCC = 6.0V
RL = 16Ω
VCC = 3.0V
RL = 32Ω
VCC = 3.0V
RL = 16Ω
0
0
2.0
4.0
6.0
8.0
200
400
500
Distortion Versus Power
(f = 3.0kHz, AVD = 34dB)
100
300
10
Pout, Output Power (mW)
VCC = 3.0V
RL = 16Ω
VCC = 3.0V
RL = 16Ω
VCC =12V,16V
RL = 16Ω,32Ω
VCC =12V, 16V
RL = 16Ω
VCC = 6.0V
RL = 16Ω
VCC =6V
RL = 16Ω,32Ω
100
0
8
1.0k
10k
Frequency, f (Hz)
Differential Gain Versus Frequency
32
40
16
24
20k
Rf = 150k, Ri = 6.0k
Rf = 75k, Ri = 3.0k
-
+
#1
#2
Input
0.1
Ri
Rf
VO1
VO2
VO
0
0
2.0
100
400
500
Pout, Output Power (mW)
Distortion Versus Power
(f = 1, 3.0kHz, AVD = 12dB)
8.0
10
4.0
6.0
200
300
VCC = 12V,16V
RL = 16Ω,32Ω
VCC = 3.0V
RL = 16Ω
VCC = 3.0V
RL = 32Ω
VCC = 6.0V
RL = 16Ω,32Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com