Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LP2951-S08-R
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP2951-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LP2951-S08-R Datasheet HTML 1Page - Unisonic Technologies LP2951-S08-R Datasheet HTML 2Page - Unisonic Technologies LP2951-S08-R Datasheet HTML 3Page - Unisonic Technologies LP2951-S08-R Datasheet HTML 4Page - Unisonic Technologies LP2951-S08-R Datasheet HTML 5Page - Unisonic Technologies LP2951-S08-R Datasheet HTML 6Page - Unisonic Technologies LP2951-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LP2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R102-001,J
ELECTRICAL CHARACTERISTICS(Cont.)
For UTC LP2951 8-Pin Version Only
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Shutdown Input
Low
VIL
Regulator ON
1.3
0.70
Input Logic Voltage
High
VIH
Regulator OFF
2.0
V
VSHDN=2.4V
30
50
µA
Shutdown Pin Input Current
ISHDN
VSHDN=30V
450
600
µA
Regulator Output Current
Shutdown
IDFF
VSHDN≧2V, VIN≦30V, VOUT=0
Feedback pin tied to 5V Tap.
3
10
µA
Note 1:Additional conditions for 8-pin versions are FB pin tied to 5VTAP, Output tied to Sense(VOUT=5V) and
VSHDN≤0.8V.
Note 2: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential.
Note 3: Comparator thresholds are expressed in terms of percentage value of voltage output.
Note 4: VREF≤VOUT≤(VIN-1V), 2.3V≤VIN≤30V, 100µA≤IL≤100mA, TJ≤TJ(MAX)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com