Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR13 Datasheet(PDF) 2 Page - CUI Devices

Part # PR13
Description  POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PR13 Datasheet(HTML) 2 Page - CUI Devices

  PR13 Datasheet HTML 1Page - CUI Devices PR13 Datasheet HTML 2Page - CUI Devices PR13 Datasheet HTML 3Page - CUI Devices PR13 Datasheet HTML 4Page - CUI Devices PR13 Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CUI DEVICES | SERIES: PR13 | DESCRIPTION: POWER RELAY
date 08/15/2022 | page 2 of 5
cuidevices.com
CONTACT SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
contact form
1 Form A, 1 Form C
contact material
Ag alloy
contact rating
10 A @ 250 Vac
10 A @ 30 Vdc
contact resistance
at 24 Vdc, 1.0 A
100
mΩ
max switching voltage
250
30
Vac
Vdc
max switching current
10
A
max switching power
2,500
300
VA
W
min switching load
5 Vdc, 100 mA
life
electrical: NO Contact, 10 A @ 250 Vac
mechanical
100,000
10,000,000
operations
operations
GENERAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
insulation resistance
at 500 Vdc
1,000
MΩ
dielectric strength
between open contacts for 1 minute
between coil and contacts for 1 minute
1,000
2,500
Vac
Vac
operate time
10
ms
release time
5
ms
shock resistance
endurance
misoperation
1,000
100
m/s²
m/s²
vibration resistance
endurance: 10~55 Hz, 1.5 mm double amplitude
misoperation: 10~55 Hz, 1.5 mm double amplitude
operating temperature
-40
85
°C
humidity
at 40°C
35
95
%RH
weight
11.0
g
safety approvals
UL/cUL 508
flammability rating
UL94V-0
RoHS
yes
packaging
tube: 25 pcs per tube
carton size: 456 x 266 x 161 mm
carton QTY: 1,000 pcs per carton
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3.5±0.5 seconds
340
350
360
°C
wave soldering
for 10±1 seconds
255
260
265
°C
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com