Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC030N12NM6 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISC030N12NM6
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC030N12NM6 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISC030N12NM6 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC030N12NM6 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISC030N12NM6 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
ISC030N12NM6
www.iscsemi.com
2023-9-19
22
Electrical Characteristics (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID=1mA
120
--
--
V
VGS(TH)
Gate Threshold Voltage
VDS= VGS; ID= 141uA
2.6
--
3.6
V
RDS(ON)
Drain-Source On-stage Resistance
VGS=10V; ID=50A
--
2.5
3.04
m
RDS(ON)
Drain-Source On-stage Resistance
VGS=8V; ID=25A
--
2.9
3.7
m
IGSS
Gate Source Leakage Current
VGS=±20V;VDS=0
--
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=100V; VGS=0
--
--
1
uA
VSD
Diode Forward Voltage
VGS=0V,IS=50A
--
0.82
1.0
V
trr
Reverse Recovery Time
IF=25A, dIF/dt=300A/ms
VR=60V
--
33
--
ns
Package Outlines



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com