Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR9 Datasheet(PDF) 3 Page - CUI Devices

Part # PR9
Description  POWER RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PR9 Datasheet(HTML) 3 Page - CUI Devices

  PR9 Datasheet HTML 1Page - CUI Devices PR9 Datasheet HTML 2Page - CUI Devices PR9 Datasheet HTML 3Page - CUI Devices PR9 Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CUI DEVICES | SERIES: PR9 | DESCRIPTION: POWER RELAY
date 08/15/2022 | page 3 of 4
cuidevices.com
18.2±0.5
0.4±0.1
2.55±0.3
2-0.5±0.1 0.3±0.1
12.7±0.3
1.7±0.3
2-O1.3
2.55
±0.1
12.7
±0.1
1.7
±0.3
+0.1
0
2-O1.6
+0.1
0
7.6±0.3
2-1.3±0.1
10.2±0.5
4.1±0.3
2-0.5±0.1
7.3±0.3
MECHANICAL DRAWING
units: mm
tolerance: ±0.3 mm
unless otherwise noted
Recommended PCB Layout
Bottom View
Wiring Diagram
Bottom View
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
housing
PBT (UL94V-0)
black
B
terminals
copper covered
steel
tin
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com