Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34119L-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC34119L-P08-R
Description  LOW POWER AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34119L-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC34119L-P08-R Datasheet HTML 1Page - Unisonic Technologies MC34119L-P08-R Datasheet HTML 2Page - Unisonic Technologies MC34119L-P08-R Datasheet HTML 3Page - Unisonic Technologies MC34119L-P08-R Datasheet HTML 4Page - Unisonic Technologies MC34119L-P08-R Datasheet HTML 5Page - Unisonic Technologies MC34119L-P08-R Datasheet HTML 6Page - Unisonic Technologies MC34119L-P08-R Datasheet HTML 7Page - Unisonic Technologies MC34119L-P08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC34119
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R107-038,E
ABSOLUTE MAXIMUM RATINGS (Ta=25°C )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-1~+18
V
Output Current
IOUT
±250
mA
Maximum Input, Ripple Rejection, Mute Pin Voltage
VIN
-1~+1
V
Applied Output Voltage (Output Pin When Disabled)
VOUT
-1~+1
V
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device which the device could be permanently
damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATION CONDITIONS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2~16
V
Load Impedance
ZL
8~100
Ω
Peak Load Current
IL(PEAK)
±200
mA
Differential Gain (5KHz Bandwidth)
ΔGv
0~46
dB
Voltage at Mute
VI(MUTE)
0~VCC
V
Ambient Temperature
Ta
-20~+70
°C
ELECTRICAL CHARACTERISTICS (V
CC=6V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
DC PARAMETER
VCC=3V, Mute=0.8V
2.7
4
mA
VCC=16V, Mute=0.8V
3.3
5
mA
Operating Current
ICC
VCC=3V, Mute=2V
65
100
μA
RL=16Ω, R1=75KΩ, VCC=3V
1
1.15
1.25
V
RL=16Ω, R1=75KΩ, VCC=6V
2.65
V
Output Voltage
VOUT
RL=16Ω, R1=75KΩ, VCC=12V
5.65
V
Output Offset Voltage
VO(OFF)
VCC=6V, RF=75KΩ,RL=32Ω
-30
0
30
mV
Output High Level
VOH
2V<VCC<16V, IOUT=-75mA
Vcc~1
V
Output Low Level
VOL
2V<VCC<16V, IOUT=75mA
0.16
V
Input Bias Current
II(BIAS)
-100
-200
nA
Pin 3
100
150
220
K
Ω
Equivalent Resistance
REQ
Pin 2
18
25
40
K
Ω
AC PARAMETER
Open Loop Gain of Amp. 1
Gv1
80
dB
Open Loop Gain of Amp. 2
Gv2
f=1KHz, RL=32Ω
-0.35
0
0.35
dB
VCC=3V, RL=6Ω, THD<10%
55
mW
VCC=6V, RL=32Ω, THD<10%
250
mW
Output Power
POUT
VCC=12V, RL=100Ω, THD<10%
400
mW
VCC=6V, RL=32Ω, POUT=125mW
0.5
1
%
VCC<3V, RL=8Ω, POUT=20mW
0.5
%
Total Harmonic Distortion
(f=1KHz)
THD
VCC<12V, RL=32Ω, POUT=200mW
0.6
%
Gain Bandwidth Product
GBW
1.5
MHz
C1=
∝, C2=0.01μF
50
dB
C1=0.1
μF, C2=0, f=1KHz
12
dB
Power Supply Rejection
(VCC=6V, ΔVCC=3V)
RR
C1=1
μF, C2=5μF, f=1KHz
52
dB
Muting
Gv(MUTE) Mute=2V, 1KHz<f<20KHz
70
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com