Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5401 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBT5401
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT5401 Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBT5401 Datasheet HTML 1Page - Unisonic Technologies MMBT5401 Datasheet HTML 2Page - Unisonic Technologies MMBT5401 Datasheet HTML 3Page - Unisonic Technologies MMBT5401 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT5401
PNP EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2
www.unisonic.com.tw
QW-R206-011.C
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector -Base Voltage
VCBO
-160
V
Collector -Emitter Voltage
VCEO
-150
V
Emitter -Base Voltage
VEBO
-5
V
DC Collector Current
IC
-600
mA
Power Dissipation
PD
350
mW
Operating Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
VCBO
IC=-100µA, IE=0
-160
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-1mA, IB=0
-150
V
Emitter-Base Breakdown Voltage
VEBO
IE=-10µA, IC=0
-6
V
Collector Cut-off Current
ICBO
VCB=-120V, IE=0
-50
nA
Emitter Cut-off Current
IEBO
VBE=-3V, Ic=0
-50
nA
DC Current Gain(note)
hFE
VCE=-5V, Ic=-1mA
VCE=-5V, Ic=-10mA
VCE=-5V, Ic=-50mA
80
80
80
400
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=1mA
IC=50mA, IB=5mA
-0.2
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-10mA, IB=-1mA
IC=-50mA, IB=-5mA
1
1
V
Current Gain Bandwidth Product
fT
VCE=-10V, Ic=-10mA, f=100MHz
100
400
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
6.0
pF
Noise Figure
NF
IC=-0.25mA, VCE=-5V
RS=1kΩ, f=10Hz ~ 15.7kHz
8
dB
Note: Pulse test: PW<300
µs, Duty Cycle<2%
CLASSIFICATION OF hFE
RANK
A
B
C
RANGE
80-170
150-240
200-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com