Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT12AI Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUT12AI
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT12AI Datasheet(HTML) 1 Page - NXP Semiconductors

  BUT12AI Datasheet HTML 1Page - NXP Semiconductors BUT12AI Datasheet HTML 2Page - NXP Semiconductors BUT12AI Datasheet HTML 3Page - NXP Semiconductors BUT12AI Datasheet HTML 4Page - NXP Semiconductors BUT12AI Datasheet HTML 5Page - NXP Semiconductors BUT12AI Datasheet HTML 6Page - NXP Semiconductors BUT12AI Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT12AI
GENERAL DESCRIPTION
Improved high-voltage, high-speed glass-passivated npn power transistor in a TO220AB envelope specially suited
for use in overhead/high frequency lighting ballast applications and converters, inverters, switching regulators,
motor control systems, etc.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1000
V
V
CEO
Collector-emitter voltage (open base)
-
450
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
20
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
110
W
V
CEsat
Collector-emitter saturation voltage
I
C = 5 A; IB = 0.86A
-
1.5
V
I
Csat
Collector saturation current
5
-
A
t
f
Inductive fall time
I
Con = 5 A; IBon = 1.0 A;Tj ≤ 100˚C
300
ns
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
tab
collector
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1000
V
V
CEO
Collector-emitter voltage (open base)
-
450
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
20
A
I
B
Base current (DC)
-
4
A
I
BM
Base current peak value
-
6
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
110
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
with heatsink compound
-
1.15
K/W
R
th j-a
Junction to ambient
in free air
-
60
K/W
12 3
tab
b
c
e
June 1997
1
Rev 1.000


Similar Part No. - BUT12AI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUT12A PHILIPS-BUT12A Datasheet
100Kb / 12P
Silicon diffused power transistors
1997 Aug 13
logo
Wing Shing Computer Com...
BUT12A WINGS-BUT12A Datasheet
65Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Fairchild Semiconductor
BUT12A FAIRCHILD-BUT12A Datasheet
29Kb / 3P
High Voltage Power Switching Applications
logo
Inchange Semiconductor ...
BUT12A ISC-BUT12A Datasheet
136Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BUT12A SAVANTIC-BUT12A Datasheet
100Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUT12AI

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com