Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81N29-R-AB3-I-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 81N29-R-AB3-I-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N29-R-AB3-I-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 81N29-R-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N29-R-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N29-R-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies 81N29-R-AB3-I-R Datasheet HTML 10Page - Unisonic Technologies 81N29-R-AB3-I-R Datasheet HTML 11Page - Unisonic Technologies 81N29-R-AB3-I-R Datasheet HTML 12Page - Unisonic Technologies 81N29-R-AB3-I-R Datasheet HTML 13Page - Unisonic Technologies 81N29-R-AB3-I-R Datasheet HTML 14Page - Unisonic Technologies 81N29-R-AB3-I-R Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 15
www.unisonic.com.tw
QW-R502-039,I
TYPICAL PERFORMANCE CHARACTERISTICS(Cont.)
04
3.0
81N33
6
28
0.0
4.0
2.0
Input Voltage, VIN (V)
1.0
Ta=80℃
10
25℃
04
3.0
81N35
6
2
8
0.0
4.0
2.0
Input Voltage, VIN (V)
1.0
Ta=80℃
10
25℃
(4) OUTPUT VOLTAGE vs. INPUT VOLTAGE
01
2.5
81N16
2
0.5
30
2.0
3
Input Voltage, VIN (V)
1.5
1.0
0.0
0
3
81N25
2
1
3
4
0
4
2
1
Input Voltage, VIN (V)
VIN-VOUT:100kΩ
Ta=25℃/ 80℃
VIN-VOUT:100kΩ
Ta=25℃/ 80℃
0
3
81N27
2
13
4
0
4
2
1
Input Voltage, VIN (V)
VIN-VOUT:100kΩ
Ta=25℃/ 80℃
0
3
81N28
2
1
3
4
0
4
2
1
Input Voltage, VIN (V)
VIN-VOUT:100kΩ
Ta=25℃/ 80℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com