Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA55 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MPSA55
Description  AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA55 Datasheet(HTML) 2 Page - Unisonic Technologies

  MPSA55 Datasheet HTML 1Page - Unisonic Technologies MPSA55 Datasheet HTML 2Page - Unisonic Technologies MPSA55 Datasheet HTML 3Page - Unisonic Technologies MPSA55 Datasheet HTML 4Page - Unisonic Technologies MPSA55 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC MPSA05/55
AMPLIFIER TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R201-034,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON CHARACTERISTICS
DC current gain
hFE
IC=10mA, VCE=1V
IC=100mA, VCE=1V
100
100
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.25
V
Base-emitter on voltage
VBE(on)
IC=100mA, VCE=1V
1.2
V
SMALL-SIGNAL CHARACTERISTICS
Current gain bandwidth product
(note 2)
fT
MPSA05:
IC=10mA, VCE=2V, f=100MHz
MPSA55:
IC=100mA, VCE=1V, f=100MHz
100
50
MHz
MHz
Note 1: Pulse test: PW<=300
µs, Duty Cycle<=2%
Note 2: fT is defined as the frequency at which IhfeI extrapolates to unity.
SWITCHING TIME TEST CIRCUITS
Figure 1
(Note: Total shunt capacitance of test jig and connectors for PNP test circuits, reverse all voltage polarities.)
MPSA05
MPSA55
CURRENT-GAIN BANDWIDTH PRODUCT
Figure 2
Figure 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com