Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA42-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MPSA42-AB3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA42-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MPSA42-AB3-R Datasheet HTML 1Page - Unisonic Technologies MPSA42-AB3-R Datasheet HTML 2Page - Unisonic Technologies MPSA42-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MPSA42/43
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R208-034,B
HIGH VOLTAGE TRANSISTOR
DESCRIPTION
The UTC MPSA42/43 are high voltage transistors, designed for
telephone switch and high voltage switch.
FEATURES
*Collector-Emitter voltage:
VCEO=300V(UTC MPSA42)
VCEO=200V(UTC MPSA43)
*High current gain
*Complement to UTC MPSA92/93
TO-92
1
SOT-89
1
*Pb-free plating product number: MPSA42L
MPSA43L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MPSA42-AB3-R
MPSA42L-AB3-R
SOT-89
B
C
E
Tape Reel
MPSA42-T92-B
MPSA42L-T92-B
TO-92
E
B
C
Tape Box
MPSA42-T92-K
MPSA42L-T92-K
TO-92
E
B
C
Bulk
MPSA43-AB3-R
MPSA43L-AB3-R
SOT-89
B
C
E
Tape Reel
MPSA43-T92-B
MPSA43L-T92-B
TO-92
E
B
C
Tape Box
MPSA43-T92-K
MPSA43L-T92-K
TO-92
E
B
C
Bulk
MPSA42L-AB3-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AB3: SOT-89, T92: TO-92
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - MPSA42-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA42-AB3-R UTC-MPSA42-AB3-R Datasheet
137Kb / 3P
HIGH VOLTAGE TRANSISTOR
MPSA42-AB3-R UTC-MPSA42-AB3-R Datasheet
137Kb / 3P
HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MPSA42-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com