Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1607707 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1607707
Description  ST-5EP1N8A9004S - Coupler connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1607707 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1607707 Datasheet HTML 1Page - PHOENIX CONTACT 1607707 Datasheet HTML 2Page - PHOENIX CONTACT 1607707 Datasheet HTML 3Page - PHOENIX CONTACT 1607707 Datasheet HTML 4Page - PHOENIX CONTACT 1607707 Datasheet HTML 5Page - PHOENIX CONTACT 1607707 Datasheet HTML 6Page - PHOENIX CONTACT 1607707 Datasheet HTML 7Page - PHOENIX CONTACT 1607707 Datasheet HTML 8Page - PHOENIX CONTACT 1607707 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Coupler connector, straight, for standard and SPEEDCON interlock, M17, number of positions:
5+PE, contact connection type: Pin, shielded: yes, degree of protection: IP67, cable diameter
range: 8 mm ... 10 mm, number of positions: 6, connection method: Crimp connection, series:
ST, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.:
1242347
Your advantages
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Crimping connection: vibration- and temperature-resistant assembly
•
Flexible use: reliably connect various cable diameters
•
Commercial data
Item number
1607707
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
AB35
Product key
ABRBEG
Catalog page
Page 137 (C-2-2019)
GTIN
4046356274104
Weight per piece (including packing)
62.6 g
Weight per piece (excluding packing)
52 g
Customs tariff number
85366990
Country of origin
DE
ST-5EP1N8A9004S - Coupler connector
1607707
https://www.phoenixcontact.com/us/products/1607707
Oct 6, 2023, 5:36 AM
Page 1 (15)


Similar Part No. - 1607707

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607700 PHOENIX-1607700 Datasheet
539Kb / 14P
ST-5EP1N8A8003S - Cable connector
1607701 PHOENIX-1607701 Datasheet
550Kb / 14P
ST-5EP1N8A8004 - Cable connector
1607706 PHOENIX-1607706 Datasheet
555Kb / 15P
ST-5EP1N8A9003S - Coupler connector
1607708 PHOENIX-1607708 Datasheet
500Kb / 13P
ST-5EP1N8AAC00S - Device connector front mounting
1607709 PHOENIX-1607709 Datasheet
1Mb / 13P
ST-5EP1N8AAD00S - Device connector front mounting
More results

Similar Description - 1607707

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1618706 PHOENIX-1618706 Datasheet
469Kb / 12P
ST-6EP1N8A9K04S - Coupler connector
1618714 PHOENIX-1618714 Datasheet
470Kb / 12P
ST-7EP1N8A9K04S - Coupler connector
1624548 PHOENIX-1624548 Datasheet
583Kb / 15P
ST-6EP1N8A9005S - Coupler connector
1607741 PHOENIX-1607741 Datasheet
587Kb / 16P
ST-7EP1N8A9003S - Coupler connector
1613625 PHOENIX-1613625 Datasheet
634Kb / 18P
ST-8ES1N8A9003S - Coupler connector
1617799 PHOENIX-1617799 Datasheet
467Kb / 12P
ST-08P1N8A9K02S - Coupler connector
1618696 PHOENIX-1618696 Datasheet
472Kb / 12P
ST-5ES1N8A9K02S - Coupler connector
1607671 PHOENIX-1607671 Datasheet
577Kb / 15P
ST-3EP1N8A9004S - Coupler connector
1619015 PHOENIX-1619015 Datasheet
504Kb / 12P
ST-08S1N8A9003S - Coupler connector
1618710 PHOENIX-1618710 Datasheet
465Kb / 12P
ST-6ES1N8A9K04S - Coupler connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com