Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT5401-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PZT5401-AA3-R
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZT5401-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PZT5401-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZT5401-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZT5401-AA3-R Datasheet HTML 3Page - Unisonic Technologies PZT5401-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PZT5401
PNP EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R207-013,A
TYPICAL CHARACTERICS
Fig.2 DC current Gain
Ic,Collector current (mA)
10
2
10
1
10
0
10
3
3
2
1
0
-1
VCE=-5V
Fig.3 Base-Emitter on Voltage
0
1
2
Base-Emitter voltage (V)
0
-0.2
-0.4
-0.6
-0.8
-1.0
VCE=-5V
Ic,Collector current (mA)
3
2
1
0
-1
Fig.4 Saturation voltage
Fig.5 Current gain-bandwidth
product
Fig.1 Collector output Capacitance
VCE(sat)
VBE(sat)
Ic=10*IB
Ic,Collector current (mA)
01
2
3
0
1
2
VCE=-10V
Collector-Base voltage (V)
3
01
2
0
2
4
6
8
10
f=1MHz
IE=0
3
1
0
-1
-2
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
-10
10
10
10
10
-10
-10
-10
-10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com