Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP107 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TIP107
Description  PNP EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP107 Datasheet(HTML) 1 Page - Unisonic Technologies

  TIP107 Datasheet HTML 1Page - Unisonic Technologies TIP107 Datasheet HTML 2Page - Unisonic Technologies TIP107 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCTIP107
PNPEPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R203-023,A
PNP EPITAXIAL TRANSISTOR
DESCRIPTION
The UTC TIP107 is designed for using in general purpose
amplifier and switching applications.
FEATURE
*Low VCE(sat)
*High current gain
*Complementary to TIP102
TO-220
1
1:BASE 2:COLLECTOR 3:EMITTER
Absolute Maximum Ratings(T C =25℃)
Parameter
Symbol
Value
Units
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-8
A
Collector Current (Pulse)
ICP
-15
A
Base Current (DC)
IB
-1
A
Collector Dissipation
Pc
80
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
- 65~150
℃
Electrical Characteristics(TC =25℃)
Parameter
Symbol
TEST CONDITIONS
MIN. MAX. UNIT
Collector-Emitter Sustaining Voltage
VCEO(SUS) IC = -30mA, IB = 0
-100
V
Collector Cut-off Current
ICEO
VCE= - 50V, IB=0
50
µA
Collector Cut-off Current
ICBO
VCB= - 100V, IE=0
-50
µA
Emitter Cut-off Current
IEBO
VBE= - 5V, IC=0
-2
mA
DC Current Gain
hFE
VCE= - 4V, IC= - 3A
VCE= - 4V, IC= - 8A
1000
200
20000
Collector-Emitter Saturation Voltage
VCE (sat)
IC= - 3A, IB= - 6mA
IC= - 8A, IB= - 80mA
-2
-2.5
V
V
Base-Emitter ON Voltage
VBE (on)
VCE= - 4V, IC= - 8A
-2.8
V
Output Capacitance
COb
VCB= -10V, IE=0, f=0.1MHZ
300
pF


Similar Part No. - TIP107

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP107 MOSPEC-TIP107 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP107 MOTOROLA-TIP107 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP107 ONSEMI-TIP107 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP107 POINN-TIP107 Datasheet
152Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP107 STMICROELECTRONICS-TIP107 Datasheet
35Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
More results

Similar Description - TIP107

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
PNP EPITAXIAL TRANSISTOR
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
PNP EPITAXIAL TRANSISTOR
GMBT9012 GTM-GMBT9012 Datasheet
221Kb / 2P
PNP EPITAXIAL TRANSISTOR
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com