Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TIP112
Description  NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP112 Datasheet(HTML) 1 Page - Unisonic Technologies

  TIP112 Datasheet HTML 1Page - Unisonic Technologies TIP112 Datasheet HTML 2Page - Unisonic Technologies TIP112 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCTIP112
NPNEPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R203-022,A
NPN EPITAXIAL SILICON
DARLINGTON TRANSISTOR
FEATURES
* High DC Current Gain : hFE = 1000 @VCE=4V, Ic=1A (Min)
* Low Collector-Emitter Saturation Voltage
* Industrial Use
EQUIVALENT TEST (R1≅10kΩ, R2≅0.6Ω)
TO-220
B
C
E
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (DC)
Ic
2
A
Collector Current (Pulse)
Icp
4
A
Base Current (DC)
IB
50
mA
Collector Dissipation (Ta=25
°C)
Pc
2
W
Collector Dissipation (Tc=25
°C)
Pc
50
W
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
VCEO(SUS)
IC=30mA, IB=0
100
V
Collector Cut-Off Current
ICBO
VCB=100V, IE=0
1
mA
Collector-Cut-Off Current
ICEO
VCE=50V, IB=0
2
mA
Emitter Cut-Off Current
IEBO
VBE=5V, IC=0
2
mA
DC Current Gain
hFE
IC=1A, VCE=4V
IC=2A, VCE=4V
1000
500
Collector-Emitter Saturation Voltage
VCE(sat)
IC=2A, IB=8mA
2.5
V
Base-Emitter Saturation Voltage
VBE(on)
VCE=4V, IC=2A
2.8
V
Output capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
100
pF


Similar Part No. - TIP112

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP112 MOSPEC-TIP112 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP112 MOTOROLA-TIP112 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP112 ONSEMI-TIP112 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP112 POINN-TIP112 Datasheet
101Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP112 STMICROELECTRONICS-TIP112 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results

Similar Description - TIP112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE800 FAIRCHILD-KSE800 Datasheet
73Kb / 3P
NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1297 ETC-2SD1297 Datasheet
38Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1672 ETC-2SD1672 Datasheet
34Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100_08 Datasheet
551Kb / 5P
NPN Epitaxial Silicon Darlington Transistor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
NPN Epitaxial Silicon Darlington Transistor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
NPN Epitaxial Silicon Darlington Transistor
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
NPN Epitaxial Silicon Darlington Transistor
logo
Tiger Electronic Co.,Lt...
MJE802G TGS-MJE802G Datasheet
214Kb / 1P
NPN Epitaxial Silicon Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com