Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP127 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP127
Description  PNP EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP127 Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP127 Datasheet HTML 1Page - Unisonic Technologies TIP127 Datasheet HTML 2Page - Unisonic Technologies TIP127 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCTIP127
PNPEPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R204-017,A
1
10
100
1000
10
100
1000
10000
SAFE OPERATI NG AREA
FORWARD VOLTAGE-- - VCE( V)
PT=1ms
PT=100ms
PT=1s
1
1
10
100
0.1
1
10
S O A
VCEO,COLLECTOR TO EMITTER VOLTAGE-(V)
PT=1MS
PT=10MS
100
1000
1000
1000
10000
VBE(ON) VS. IC
IC, COLLECTORCURRENT
100
1000
10000
1000
1000
VBE(SAT) VS. IC
IC, COLLECTORCURRENT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com