Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391A-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TS391A-AF5-R
Description  LOW POWER SINGLE VOLTAGE COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TS391A-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TS391A-AF5-R Datasheet HTML 1Page - Unisonic Technologies TS391A-AF5-R Datasheet HTML 2Page - Unisonic Technologies TS391A-AF5-R Datasheet HTML 3Page - Unisonic Technologies TS391A-AF5-R Datasheet HTML 4Page - Unisonic Technologies TS391A-AF5-R Datasheet HTML 5Page - Unisonic Technologies TS391A-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS391/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R104-003,C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
±18 or 36
V
Differential Input Voltage
VI(DIFF)
±36
V
Input Voltage
VIN
-0.3 ~ +36
V
Output Short-Circuit to Ground
1)
Infinite
Power Dissipation
PD
500
mW
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Short-circuit from the output to VCC can cause excessive heating and eventual destruction. The maximum
output current is approximately 20mA, independent of the magnitude of VCC.
THARMAL DATA (TJ=150 , Ta=25
℃℃
)
PARAMETER
SYMBOL
RATING
UNIT
Thermal resistance from junction to Ambient
θJA
250
°C /W
ELECTRICAL CHARACTERISTICS
VCC=5.0V, All voltage referenced to GND, Ta=25°C (unless otherwise specified)
Differential Input Voltage
4)
VI(DIFF)
VCC
V
Large Signal Voltage Gain
Gv
VCC=15V, RL=15k, VOUT=1~ 11V
50
200
V/mV
Ta=+25℃
0
VCC-1.5
V
Input Common Mode Voltage
Range
3)
VI(CM)
TMIN ≤Ta≤ TMAX
0
VCC -2
V
Ta=+25℃
250
400
mV
Low Level Output Voltage
VOL
VI(DIFF)=1V,
VCC= VOUT =30V
TMIN ≤Ta≤ TMAX
700
mV
1. At output switch point, Vo=1.4V, Rs=0Ω with VCC from 5V ~ 30V and over the full input common-mode range(0V ~
VCC 1.5V).
2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant,
independent of the state of the output, so no loading charge exists on the reference or input lines.
3. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than
0.3V.The upper end of the common-mode voltage range is VCC + -1.5V,but either or both inputs can go to +30V
without damage.
4. Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains
within the common-mode range the comparator will provide a proper output state.
The low input voltage state must not be less than -0.3V (or 0.3V below the negative power supply, if used).
5. The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals 300ns can
be obtained.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ta=+25℃
1
5
mV
Input Offset Voltage
1)
VI(OFF)
TMIN ≤Ta≤ TMAX
9
mV
Ta=+25℃
25
250
nA
Input Bias Current
2)
II(BIAS)
TMIN ≤Ta≤ TMAX
400
nA
Ta=+25℃
5
50
nA
Input Offset Current
II(OFF)
TMIN ≤Ta≤ TMAX
150
nA
VCC=5V, no load
0.2
0.5
mA
Supply Current
ICC
VCC=30V, no load
0.5
1.25
mA
Output sink current
ISINK
VI(DIFF)=-1V, VOUT =1.5V
6
16
mA
Ta=+25℃
0.1
nA
High Level Output Current
IOH
VI(DIFF)=1V,
VCC= VOUT =30V
TMIN ≤Ta≤ TMAX
1
μA
Response Time
tr
RL=5.1kΩ to VCC
5)
1.3
μs
Large Signal Response Time
trel
VIN=TTL,VREF=+1.4V,RL=5.1KΩ~ VCC
300
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com