Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391B-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TS391B-AF5-R
Description  LOW POWER SINGLE VOLTAGE COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TS391B-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TS391B-AF5-R Datasheet HTML 1Page - Unisonic Technologies TS391B-AF5-R Datasheet HTML 2Page - Unisonic Technologies TS391B-AF5-R Datasheet HTML 3Page - Unisonic Technologies TS391B-AF5-R Datasheet HTML 4Page - Unisonic Technologies TS391B-AF5-R Datasheet HTML 5Page - Unisonic Technologies TS391B-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TS391/A/B/C
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R104-003,C
LOW POWER SINGLE
VOLTAGE COMPARATOR
DESCRIPTION
The UTC TS391/A/B/C consist of a low power voltage
comparator designed specifically to operate from a single supply
over a wide range of voltages. Operation from split power supplies
is also possible.
This comparator also has a unique characteristic in that the
input common-mode voltage range includes ground even though
operated from a single power supply voltage.
FEATURES
* Wide single supply voltage range or dual supplies +2V ~ *+34V or
±1V ~ ±18V
* Very low supply current (0.2mA) independent of supply voltage
(1mW /comparator at +5V)
* Low input bias current: 25nA typ.
* Low input offset current: ±5nA typ.
* Low input offset voltage: ±1mV typ
* Input common-mode voltage range includes ground.
* Low output saturation voltage: 250mV typ.(IOUT=4mA).
* Differential input voltage range equal to the supply *voltage.
*Pb-free plating product number:
TS391L/TS391AL/TS391BL/TS391CL
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
TS391-AF5-R
TS391L-AF5-R
SOT-25
Tape Reel
TS391A-AF5-R
TS391AL-AF5-R
SOT-25
Tape Reel
TS391B-AF5-R
TS391BL-AF5-R
SOT-25
Tape Reel
TS391C-AF5-R
TS391CL-AF5-R
SOT-25
Tape Reel
TS391-AL5-R
TS391L-AL5-R
SOT-353
Tape Reel
TS391A-AL5-R
TS391AL-AL5-R
SOT-353
Tape Reel
TS391B-AL5-R
TS391BL-AL5-R
SOT-353
Tape Reel
TS391C-AL5-R
TS391CL-AL5-R
SOT-353
Tape Reel
TS391L-AF5-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) AF5: SOT-25
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - TS391B-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TS391BG-AF5-R UTC-TS391BG-AF5-R Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391BG-AF5-R UTC-TS391BG-AF5-R Datasheet
132Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391BG-AL5-R UTC-TS391BG-AL5-R Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391BG-AL5-R UTC-TS391BG-AL5-R Datasheet
132Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391BL-AF5-R UTC-TS391BL-AF5-R Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
More results

Similar Description - TS391B-AF5-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391_06 Datasheet
115Kb / 7P
Low Power Single Voltage Comparator
Jan-2006
TS391 STMICROELECTRONICS-TS391_07 Datasheet
126Kb / 8P
Low power single voltage comparator
21-Nov-2007
logo
Unisonic Technologies
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391 UTC-TS391_11 Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
Low-power single voltage comparator
02-Mar-2012
logo
ON Semiconductor
TS391 ONSEMI-TS391 Datasheet
69Kb / 5P
Low Power Single Voltage Comparator
December, 2015 ??Rev. 4
logo
Unisonic Technologies
TS391 UTC-TS391 Datasheet
132Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
UTL331 UTC-UTL331 Datasheet
146Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
ON Semiconductor
TS391 ONSEMI-TS391_V01 Datasheet
135Kb / 6P
Low Power Single Voltage Comparator
October, 2017 - Rev. 5
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
Low power single voltage comparator
Ver.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com