Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT18F Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUT18F
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT18F Datasheet(HTML) 4 Page - NXP Semiconductors

  BUT18F Datasheet HTML 1Page - NXP Semiconductors BUT18F Datasheet HTML 2Page - NXP Semiconductors BUT18F Datasheet HTML 3Page - NXP Semiconductors BUT18F Datasheet HTML 4Page - NXP Semiconductors BUT18F Datasheet HTML 5Page - NXP Semiconductors BUT18F Datasheet HTML 6Page - NXP Semiconductors BUT18F Datasheet HTML 7Page - NXP Semiconductors BUT18F Datasheet HTML 8Page - NXP Semiconductors BUT18F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Jun 11
4
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUT18F; BUT18AF
Note
1. Measured with a half-sinewave voltage (curve tracer).
hFE
DC current gain
VCE =5V; IC = 10 mA;
see Fig.9
10
18
35
VCE =5V; IC = 1 A; see Fig.9
10
20
35
Switching times resistive load (see Figs 10 and 11)
ton
turn-on time
ICon =4A;
IBon = −IBoff = 800 mA
−−
1
µs
ts
storage time
ICon =4A;
IBon = −IBoff = 800 mA
−−
4
µs
tf
fall time
ICon =4A;
IBon = −IBoff = 800 mA
−−
0.8
µs
Switching times inductive load (see Figs 10 and 13)
ts
storage time
ICon = 4 A; IBon = 800 mA
−
1.6
2.5
µs
tf
fall time
ICon = 4 A; IBon = 800 mA
−
150
400
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.2 Power derating curve.
handbook, halfpage
050
Th (
oC)
100
150
120
0
40
80
MGK674
Ptot max
(%)
Fig.3
Test circuit for collector-emitter
sustaining voltage.
handbook, halfpage
MGE252
+ 50 V
100 to 200
Ω
30 to 60 Hz
L
6 V
oscilloscope
vertical
horizontal
1
Ω
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com