Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117-18-AA3-B-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LD1117-18-AA3-B-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117-18-AA3-B-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LD1117-18-AA3-B-R Datasheet HTML 4Page - Unisonic Technologies LD1117-18-AA3-B-R Datasheet HTML 5Page - Unisonic Technologies LD1117-18-AA3-B-R Datasheet HTML 6Page - Unisonic Technologies LD1117-18-AA3-B-R Datasheet HTML 7Page - Unisonic Technologies LD1117-18-AA3-B-R Datasheet HTML 8Page - Unisonic Technologies LD1117-18-AA3-B-R Datasheet HTML 9Page - Unisonic Technologies LD1117-18-AA3-B-R Datasheet HTML 10Page - Unisonic Technologies LD1117-18-AA3-B-R Datasheet HTML 11Page - Unisonic Technologies LD1117-18-AA3-B-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LD1117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R102-006,Q
TYPICAL APPLICATIONS
IN
OUT
GND
UTC LD1117/A-5.0V
+
+
100μF
10μF
VIN
Floating Input
VOUT = -5V
FIG.1 Negative Supply
IN
GND
UTC LD1117/A-
2.85V
+
22μF
10μF
+
110
110
110
110
18-27
Lines
4.75V
to
5.25V
FIG.2 Active Terminator for SCSI-2 BUS
FIG.3 Circuit for Increasing Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com