Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT136F Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT136F
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136F Datasheet(HTML) 4 Page - Unisonic Technologies

  UT136F Datasheet HTML 1Page - Unisonic Technologies UT136F Datasheet HTML 2Page - Unisonic Technologies UT136F Datasheet HTML 3Page - Unisonic Technologies UT136F Datasheet HTML 4Page - Unisonic Technologies UT136F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC UT136F/G
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R401-010,C
Fig.11.Transient thermal impedance Zthj-mb,vs
pulse width tp.
Fig.10.Typical and maximum on-state characteristic.
Zth j-mb(K/W)
Fig. 7.Normalised gate trigger Current
IGT(Tj)/I GT(25℃),vs junction temperature Tj.
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
Fig.8.Normalised latching Current I L(Tj)/I L(25℃),
vs junction temperature Tj.
IL(25℃)
IL(Tj)
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
Fig. 9.Normalised holding current I H(Tj)/I H(25℃),
vs junction temperature Tj.
IH(25℃)
IH(Tj)
Fig.12.Typical commutation dV/dt vs junction
temperature,parameter commutation dl T/dt.The triac
should commutate when the dV/dt is below the value
on the appropriate curve for pre-commutation dl T/dt.
1.5
0
1
0.5
12
VT/V
10
8
6
0
IT/A
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
IGT(25℃)
typ
2
4
2
2.5
3
T2+G+
T2+G-
T2-G-
T2-G+
max
Vo=1.27V
Rs=0.091 Ohms
Tj=125 ℃
Tj=25 ℃
IGT(Tj)
1ms
0.1ms
10us
0.1
tp/s
0.01
10ms
0.1s
1s
10s
1
10
tp
t
PD
unidirectional
bidirectional
dV/dt(V/us)
1000
10
100
1
100
150
50
0
Tj/℃
UT136G
UT136F
off-state dV/dt limit
dlcom/dt=
5.1A/ms
3.9
1.8
2.3
1.4
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com