Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3848B-S08-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # U3848B-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848B-S08-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button U3848B-S08-R Datasheet HTML 5Page - Unisonic Technologies U3848B-S08-R Datasheet HTML 6Page - Unisonic Technologies U3848B-S08-R Datasheet HTML 7Page - Unisonic Technologies U3848B-S08-R Datasheet HTML 8Page - Unisonic Technologies U3848B-S08-R Datasheet HTML 9Page - Unisonic Technologies U3848B-S08-R Datasheet HTML 10Page - Unisonic Technologies U3848B-S08-R Datasheet HTML 11Page - Unisonic Technologies U3848B-S08-R Datasheet HTML 12Page - Unisonic Technologies U3848B-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R103-033,B
TYPICAL APPLICATION CIRCUIT
5V 3A
+
GND
IC2
CY1
C2
IC1
RF
R2
CD1 RD1
D1
C5
+
R5
R4
R3
R12
L3
TR1
D3
C8
D2
Q1
R6
R
C4
R17
+
C3
C15
R11
C14
IC3
R7
UTC
U3848 /
A/B/C
4
3
2
1
5
6
7
8
TH1
CX1
AC IN
F1
BD1
+
C9
FIG.12 U3848/A/B/C Typical Application Circuit
Table1 Components Reference description for U3848/A/B/C application circuit
C12
CC
10nF/1000V
D3
Diode
UF1007
R
R
470KΩ
1/8W
C14
CC
100nF/50V
IC1
IC
PC817
TH1
SCK-103
C2
CC
33nF/50V
IC2
IC
TL431CLP
BD1
R
KBP-208
CX1
104/275V
IC3
IC
U3848/A/B/C
RD1
R
10Ω
1/8W
C5
EC
1000uF/15V
L3
L
1.2uH
R12
R
3.3kΩ
1/8W
C4
CC
22uF/50V
Q1
MOS
4N60
TR1
optional
C8
EC
68uF/400V
R7
R
68KΩ
1/8W
RF
R
4.7kΩ
1/8W
C9
EC
1000uF/16V
R17
R
1.2Ω/1W
1/8W
C15
CC
0.1µF/50V
CD1
CC
1nF/1KV
R2
R
680Ω
1/8W
CY1
CC
4.7nF/250V
R3
R
ADJ
1/8W
D1
Diode
C63-004
R4
R
5.6KΩ
1/8W
D2
Diode
1N4148
R5
R
5.6KΩ
1/8W
Note:
C5 and C9 are lower ESR capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com