Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT136FE Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT136FE
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136FE Datasheet(HTML) 4 Page - Unisonic Technologies

  UT136FE Datasheet HTML 1Page - Unisonic Technologies UT136FE Datasheet HTML 2Page - Unisonic Technologies UT136FE Datasheet HTML 3Page - Unisonic Technologies UT136FE Datasheet HTML 4Page - Unisonic Technologies UT136FE Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC UT136FE
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R401-022,B
Fig.11.Transient thermal impedance Zthj-mb,versus
pulse width tp.
1.5
0
1
0.5
12
VT/V
10
8
6
0
Fig.10.Typical and maximum on-state characteristic.
IT/A
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
Fig. 7.Normalised gate trigger Current
IGT(Tj)/I GT(25℃),versus junction temperature Tj .
IGT(25℃)
IGT(Tj)
typ
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
Fig.8.Normalised latching Current I L(Tj)/I L(25℃),
versus junction temperature Tj.
IL(25℃)
IL(Tj)
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
Fig. 9.Normalised holding current I H(Tj)/I H(25℃),
versus junction temperature Tj .
IH(25℃)
IH(Tj)
2
4
2
2.5
3
Tj/C
100
150
50
0
1000
10
dVD/dt(V/us)
1
Fig.12.Typical,critical rate of rise of off-satate
voltage,dVD/dt versus junction
temperature Tj.
T2+G+
T2+G-
T2-G-
T2-G+
max
Vo=1.27V
Rs=0.091 Ohms
Tj=125 ℃
Tj=25 ℃
1ms
0.1ms
10us
0.01
0.1
10ms
0.1s
1s
10s
1
10
tp
t
PD
bidirectional
unidirectional
with heatsink compound
without heatsink compound
Zth j-hs (K/W)
tp / s
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com