Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117-2J-AA3-B-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LD1117-2J-AA3-B-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117-2J-AA3-B-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LD1117-2J-AA3-B-R Datasheet HTML 4Page - Unisonic Technologies LD1117-2J-AA3-B-R Datasheet HTML 5Page - Unisonic Technologies LD1117-2J-AA3-B-R Datasheet HTML 6Page - Unisonic Technologies LD1117-2J-AA3-B-R Datasheet HTML 7Page - Unisonic Technologies LD1117-2J-AA3-B-R Datasheet HTML 8Page - Unisonic Technologies LD1117-2J-AA3-B-R Datasheet HTML 9Page - Unisonic Technologies LD1117-2J-AA3-B-R Datasheet HTML 10Page - Unisonic Technologies LD1117-2J-AA3-B-R Datasheet HTML 11Page - Unisonic Technologies LD1117-2J-AA3-B-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LD1117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R102-006,Q
ELECTRICAL CHARACTERISTICS(Cont.)
For LD1117/A-3.6
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN=5.6V, IOUT=10mA, TJ =25°C
3.564
3.600
3.636
V
Output Voltage
VOUT
VIN=5 to 10V
LD1117 : IOUT=0 ~ 800mA
LD1117A : IOUT=0 ~ 1.0A
3.528
3.600
3.672
V
Line Regulation
ΔVOUT VIN=5 to 15V, IOUT=0mA
1
6
mV
Load Regulation
ΔVOUT
VIN=5V
LD1117 : IOUT=0 ~ 800mA
LD1117A : IOUT=0 ~ 1000mA
1
10
mV
Temperature stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT 1000 hrs, TJ =125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
IQ
VIN≤15V
5
10
mA
LD1117
800
Current Limit
ILIMIT
VIN=8.6V, Tj=25°C
LD1117A
1000
mA
Output Noise Voltage
eN
B=10Hz to 10KHz, TJ =25°C
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ =25°C,
VIN=6.6V, VRIPPLE=1Vpp
60
75
dB
Dropout Voltage
VD
IOUT=100mA
IOUT=500mA
IOUT=800mA
IOUT=1000 mA
1.00
1.15
1.20
1.20
1.10
1.25
1.30
1.30
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W
For LD1117/A-5.0
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
1%
4.950
5.000
5.050
Output Voltage
VOUT
VIN=7V,IOUT=10mA, TJ =25°C
2%
4.900
5.000
5.100
V
2%
4.900
5.000
5.100
Output Voltage
VOUT
VIN=6.5 to 15V
LD1117 : IOUT=0 ~ 800mA
LD1117A : IOUT=0 ~ 1.0A
4%
4.800
5.000
5.200
V
Line Regulation
ΔVOUT VIN=6.5 to 15V, IOUT=0mA
1
6
mV
Load Regulation
ΔVOUT
VIN=6.5V
LD1117 : IOUT=0 ~ 800mA
LD1117A : IOUT=0 ~ 1000mA
1
10
mV
Temperature stability
ΔVOUT
0.5
%
Long Term Stability
ΔVOUT 1000 hrs, TJ =125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
IQ
VIN≤15V
5
10
mA
LD1117
800
Current Limit
ILIMIT
VIN=10V, TJ =25°C
LD1117A
1000
mA
Output Noise Voltage
eN
B=10Hz to 10KHz, TJ =25°C
100
μV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ =25°C,
VIN=8V, VRIPPLE=1Vpp
60
75
dB
Dropout Voltage
VD
IOUT=100mA
IOUT=500mA
IOUT=800mA
IOUT=1000 mA
1.00
1.15
1.20
1.20
1.10
1.25
1.30
1.30
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com