Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950-33-T92-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LP2950-33-T92-R
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP2950-33-T92-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LP2950-33-T92-R Datasheet HTML 1Page - Unisonic Technologies LP2950-33-T92-R Datasheet HTML 2Page - Unisonic Technologies LP2950-33-T92-R Datasheet HTML 3Page - Unisonic Technologies LP2950-33-T92-R Datasheet HTML 4Page - Unisonic Technologies LP2950-33-T92-R Datasheet HTML 5Page - Unisonic Technologies LP2950-33-T92-R Datasheet HTML 6Page - Unisonic Technologies LP2950-33-T92-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LP2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R102-001,J
TYPICAL CHARACTERISTICS(Cont.)
-75 -50 -25
0
25
50 75 100 125 150
100
110
120
130
140
150
160
170
Temperature (℃)
Short Circuit Current
0.1
1
10
100
0
100
200
300
400
500
Dropout Voltage
Output Current (mA)
TJ=25℃
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com