Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT137F Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT137F
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT137F Datasheet(HTML) 2 Page - Unisonic Technologies

  UT137F Datasheet HTML 1Page - Unisonic Technologies UT137F Datasheet HTML 2Page - Unisonic Technologies UT137F Datasheet HTML 3Page - Unisonic Technologies UT137F Datasheet HTML 4Page - Unisonic Technologies UT137F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC UT137F/G
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R401-014,B
THERMAL RESISTANCES
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance Junction to Mounting Base
Full cycle
Half cycle
Rth j-mb
2.0
2.4
K/W
Thermal Resistance Junction to Ambient
In free air
Rth j-a
60
K/W
STATIC CHARACTERISTICS (Tj=25°C,unless otherwise specified)
MAX
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
UT137F UT137G
UNIT
Gate trigger current
IGT
VD=12V, IT=0.1A
T2+ G+
T2+ G-
T2- G-
T2- G+
5
8
11
30
25
25
25
70
50
50
50
100
mA
Latching current
IL
VD=12V, IGT=0.1A
T2+ G+
T2+ G-
T2- G-
T2- G+
7
16
5
7
30
45
30
45
45
60
45
60
mA
Holding current
IH
VD = 12 V, IGT = 0.1 A
5
20
40
mA
On-state voltage
VT
IT=10A
1.3
1.65
V
VD=12V, IT=0.1A
0.7
1.5
V
Gate trigger voltage
VGT
VD=400V, IT=0.1A, Tj=125
°C
0.25
0.4
V
Off-state leakage current
ID
VD=VDRM(max) , Tj=125
°C
0.1
0.5
mA
DYNAMIC CHARACTERISTICS(Tj=25°C,unless otherwise specified)
MIN
PARAMETER
SYMBOL
CONDITIONS
UT137F UT137G
TYP MAX UNIT
Critical rate of rise of
Off-state voltage
dVD /dt
VDM = 67% VDRM(max) , Tj =125°C,
exponential waveform, gate open
circuit
50
200
250
V/µs
Critical rate of change of
Commutating voltage
dVcom/dt
VDM=400V, Tj=95°C, IT(RMS)=8A,
dIcom /dt =3.6A/ms, gate open circuit
10
20
V/µs
Gate controlled turn-on
time
tgt
ITM = 12 A, VD= VDRM(max) , IG=0.1A,
dIG/dt=5A/µs
2
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com