Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117-36-AA3-B-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # LD1117-36-AA3-B-R
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1117-36-AA3-B-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button LD1117-36-AA3-B-R Datasheet HTML 4Page - Unisonic Technologies LD1117-36-AA3-B-R Datasheet HTML 5Page - Unisonic Technologies LD1117-36-AA3-B-R Datasheet HTML 6Page - Unisonic Technologies LD1117-36-AA3-B-R Datasheet HTML 7Page - Unisonic Technologies LD1117-36-AA3-B-R Datasheet HTML 8Page - Unisonic Technologies LD1117-36-AA3-B-R Datasheet HTML 9Page - Unisonic Technologies LD1117-36-AA3-B-R Datasheet HTML 10Page - Unisonic Technologies LD1117-36-AA3-B-R Datasheet HTML 11Page - Unisonic Technologies LD1117-36-AA3-B-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LD1117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 12
www.unisonic.com.tw
QW-R102-006,Q
ELECTRICAL CHARACTERISTICS(Cont.)
For LD1117/A-ADJUSTABLE
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
VIN-VOUT=2V, IOUT=10mA, TJ =25°C
1.238
1.25
1.262
V
Reference Voltage
VREF
VIN-VOUT=1.4 to 10V
LD1117 : IOUT=10 ~ 800mA
LD1117A : IOUT=10 ~ 1000mA
1.225
1.275
V
Line Regulation
ΔVOUT VIN-VOUT=1.5 to 13.75V, IOUT=10mA
0.035
0.200
%
Load Regulation
ΔVOUT
VIN-VOUT=3V
LD1117 : IOUT=10 ~ 800mA
LD1117A : IOUT=10 ~ 1000mA
0.10
0.400
%
Temperature stability
ΔVOUT
0.50
%
Long Term Stability
ΔVOUT 1000 hrs, TJ =125°C
0.3
%
Operating Input Voltage
VIN
15
V
Adjustment Pin Current
IADJ
VIN≤15V
60
120
μA
Adjustment Pin Current Change
ΔIADJ
VIN-VOUT=1.4 to 10V,
LD1117 : IOUT=10 ~ 800mA
LD1117A : IOUT=10 ~ 1000mA
1
5
μA
Minimum Load Current
IO(MIN)
VIN=15V
2
5
mA
LD1117
800
Current Limit
ILIMIT
VIN-VOUT=5V, TJ =25°C
LD1117A
1000
mA
Output Noise (%Vo)
eN
B=10Hz to 10KHz, TJ =25°C
0.003
%
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ =25°C,
VIN-VOUT=3V, Vripple=1Vpp
60
75
dB
Dropout Voltage
VD
IOUT=100mA
IOUT=500mA
IOUT=800mA
IOUT=1000mA
1.00
1.15
1.20
1.20
1.10
1.25
1.30
1.30
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
15
SOP-8
20
TO-252
12
TO-220
4
Thermal Resistance Junction-Case
TO-263
θJC
4
°C/W
SOT-223
165
SOP-8
150
TO-252
112
TO-220
54
Thermal Resistance Junction-Ambient
TO-263
θJA
64
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com