Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950-50-T92-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LP2950-50-T92-R
Description  100 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LP2950-50-T92-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LP2950-50-T92-R Datasheet HTML 1Page - Unisonic Technologies LP2950-50-T92-R Datasheet HTML 2Page - Unisonic Technologies LP2950-50-T92-R Datasheet HTML 3Page - Unisonic Technologies LP2950-50-T92-R Datasheet HTML 4Page - Unisonic Technologies LP2950-50-T92-R Datasheet HTML 5Page - Unisonic Technologies LP2950-50-T92-R Datasheet HTML 6Page - Unisonic Technologies LP2950-50-T92-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP2950/2951
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R102-001,J
TYPICAL CHARACTERISTICS
1
2
34
5
6
0
0
1
2
3
4
5
6
Dropout Characteristics
Input Voltage (V)
RL=50k
Ω
RL=50
Ω
0 1
2
3 4
5 6
7 8
9 10 11 12
0
10
20
30
40
50
60
70
80
90
100
120
110
130
140
150
Input Current
Input Voltage (V)
R L=50Ω
50
60
70
80
90
100
110
120
-75 -50 -25
0
25
50 75 100 125 150
Ground Pin Current
Temperature (℃)
VIN =6V
IL=100µA
-75 -50 -25
0
25
50 75
100125 150
4
5
6
7
8
Temperature (℃)
Ground Pin Current
V
IN =6V
I
L = 100mA
-75 -50 -25
0
25
50 75
100125 150
0
50
100
300
400
500
600
≈
Dropout Voltage
IL=100mA
IL=100
µA
-75 -50 -25
0
25
50 75
100125 150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Shutdown Threshold Voltage
200
Temperature (℃)
Temperature (℃)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com