Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT138F Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT138F
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138F Datasheet(HTML) 4 Page - Unisonic Technologies

  UT138F Datasheet HTML 1Page - Unisonic Technologies UT138F Datasheet HTML 2Page - Unisonic Technologies UT138F Datasheet HTML 3Page - Unisonic Technologies UT138F Datasheet HTML 4Page - Unisonic Technologies UT138F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC UT138F/G
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 4
QW-R401-013,B
Figure 11.Transient Thermal Impedance
Zth j-mb,vs Pulse Width tp.
VT/V
Figure 10.Typical and Maximum
On-state Characteristic.
Figure 7.Normalised Gate Trigger Current
IGT(Tj)/IGT(25℃),vs Junction Temperature Tj.
IGT(25℃)
IGT(Tj)
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
Figure 8.Normalised Latching Current
IL(Tj)/IL(25℃),vs Junction Temperature Tj.
IL(25℃)
IL(Tj)
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
Figure 9.Normalised Holding Current
IH(Tj)/IH(25℃),vs Junction Temperature Tj.
IH(25℃)
IH(Tj)
100
150
50
0
1000
10
Tj/℃
100
1
dV/dt(V/us)
UT138G
UT138F
off-state dV/dt limit
12
5.4
7
4.2
9.1
dlcom/dt=15A/ms
Figure 12. Typical commutation dV/dt vs junction
temperature , parameter commutation dIT/dt . The triac should
commutate when the dV/dt is below the value on the appropriate
curve for pre-commutation dIV/dt.
1.5
2
01
0.5
40
30
20
10
0
IT/A
2.5
3
typ
max
Vo=1.75V
Rs=0.316Ohms
Tj=125℃
Tj=25℃
0.1ms
10us
tp/s
1s
10
1ms
0.1
0.01
10ms
0.1s
1
unidirectional
bidirectional
tp
PD
10s
100
150
-50
50
0
3
1
Tj/℃
2
2.5
1.5
0.5
0
T2+G+
T2+G-
T2-G-
T2-G+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com