Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3848L-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # U3848L-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848L-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button U3848L-S08-R Datasheet HTML 5Page - Unisonic Technologies U3848L-S08-R Datasheet HTML 6Page - Unisonic Technologies U3848L-S08-R Datasheet HTML 7Page - Unisonic Technologies U3848L-S08-R Datasheet HTML 8Page - Unisonic Technologies U3848L-S08-R Datasheet HTML 9Page - Unisonic Technologies U3848L-S08-R Datasheet HTML 10Page - Unisonic Technologies U3848L-S08-R Datasheet HTML 11Page - Unisonic Technologies U3848L-S08-R Datasheet HTML 12Page - Unisonic Technologies U3848L-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 13
www.unisonic.com.tw
QW-R103-033,B
FUNCTIONAL DESCRIPTION(Cont.)
C4
2
1
3
4
7
8
6
5
C3
C13
UTC
U3848/A/B/C
RT
IC3
VCC
15V
5.5V
Driver
C4
2
1
3
4
7
8
6
5
C3
C13
UTC
U3848 /A/B/C
R17
RT
IC3
VCC
3.5V
FIG.8 OLP test circuit
FIG.9 OVP test circuit
VFB
7.2us
4.6v
V
FB
Driver
7.2us
VCC
16v
VFB
(4) Driver Output Section
Rise edge time of driver output is about 200ns for avoiding Low EMI. When driver output VOL(MAX) is less than
2.5V with 200mA source current, and VOH(MIN) is more than 12.2V with 200mA sink current.
C4
2
1
3
4
7
8
6
5
C3
C13
UTC
U3848 A/B/C
R17
RT
IC3
VCC
15v
Isink=200mA
VOH (MIN )
C4
2
1
3
4
7
8
6
5
C3
C13
UTC
U3848 /A/B/C
R17
RT
IC3
VCC
15v
Isource=200mA
VOL (MIN)
FIG.10 driver test circuit with sink current
FIG.11 driver test circuit with source current
VFB
V
FB
(5) External power switch MOS transistor
Because U3848/A/B/C driver output voltage Low level threshold is about 2.5V, User may apply power MOS
transistors with bigger threshold. 4N60 is recommended normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com