Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3848AL-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # U3848AL-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848AL-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button U3848AL-S08-R Datasheet HTML 5Page - Unisonic Technologies U3848AL-S08-R Datasheet HTML 6Page - Unisonic Technologies U3848AL-S08-R Datasheet HTML 7Page - Unisonic Technologies U3848AL-S08-R Datasheet HTML 8Page - Unisonic Technologies U3848AL-S08-R Datasheet HTML 9Page - Unisonic Technologies U3848AL-S08-R Datasheet HTML 10Page - Unisonic Technologies U3848AL-S08-R Datasheet HTML 11Page - Unisonic Technologies U3848AL-S08-R Datasheet HTML 12Page - Unisonic Technologies U3848AL-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R103-033,B
FUNCTIONAL DESCRIPTION(Cont.)
(3) Protection section
U3848/A/B/C takes on more protection functions such as OLP, OVP and OTP etc. In case of those failure
modes for continual 7.2µs (blanking time), the driver is shut down. At the same time, IC enters auto-restart, VCC
power on and driver is reset after VCC power on again.
OLP
After soft-start phase end (VSS>5.1V), IC will shutdown driver if over load state occurs (corresponding to
VFB>4.6V) for continual 7.2µs. OLP function will not inactive during soft-start phase. OLP case as followed FIG.6.
The test circuit as followed FIG.8 for U3848/A/B/C.
VCC
VOUT
VFB
VSS
t
t
t
t
5.1V
4.6V
8.1V
12.6V
7.2µs Blanking
7.2µs Blanking
SS Phase
VCC
Driver
ON/OFF
VFB
VSS
t
t
t
t
5.1V
4.6V
8.1V
12.6V
7.2µs Blanking
7.2µs Blanking
SS Phase
Trestart
16V
3.9V
OVP Phase
FIG.6 OLP case
FIG.7 OVP case
OVP
Power supply VCC’s OVP function are enabled only when VSS<3.9V & VFB>4.6V during soft-start phase. During
above condition, driver will be shutdown if over voltage state occurs (VCC>16V) for continual 7.2µs. OVP function will
not inactive after soft-start phase. OLP case as followed FIG.7. The test circuit as followed FIG.9 for U3848/A/B/C.
OTP
OTP will shut down driver when junction temperature TJ of internal circuits is more than threshold 135°C for
continual 7.2µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com