Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3848CL-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # U3848CL-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848CL-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button U3848CL-S08-R Datasheet HTML 4Page - Unisonic Technologies U3848CL-S08-R Datasheet HTML 5Page - Unisonic Technologies U3848CL-S08-R Datasheet HTML 6Page - Unisonic Technologies U3848CL-S08-R Datasheet HTML 7Page - Unisonic Technologies U3848CL-S08-R Datasheet HTML 8Page - Unisonic Technologies U3848CL-S08-R Datasheet HTML 9Page - Unisonic Technologies U3848CL-S08-R Datasheet HTML 10Page - Unisonic Technologies U3848CL-S08-R Datasheet HTML 11Page - Unisonic Technologies U3848CL-S08-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R103-033,B
FUNCTIONAL DESCRIPTION(Cont.)
(2) Switch Frequency Set
The maximum switch frequency decided by an external resistor RT connected between pin RT and ground. Then
the maximum switch frequency will depend on user requirement. The relation curve between fSW and RT as followed
FIG.5 under the condition of POUT=8W. The equation between fSW and RT as followed (1-2) for U3848A/C, (1-3) for
U3848/B:
fSW = -0.61*RT+115.7--------------------------(1-2)
fSW = -1.1*RT+167.5--------------------------(1-3)
After RT connected, switch frequency is also modulated by output power POUT during IC operating. So lower switch
frequency at lower load, which more and more improve IC’s efficiency at light load. Switch frequency is decreased
minimum at no load, then the U3848/B will operate at Power-Saving mode for Lower standby power. The relation
curve between fSW and POUT as followed FIG.4 under the condition of RT=75kΩ. The frequency wave of U3848A/C is
similar with U3848/B’s, and for them, maximum frequency point is 70kHz.
60
10
70
80
50
40
30
20
10
0.6 1.2 1.8 2.4 3 3.6 4.8 6
0
7.2 12
POUT(W)
(RT=75KΩ)
220V
110V
90
FIG.4 The relation curve between fSW and output power POUT
60
20
10
55
60
65
70
75
80
85
90
RT (kΩ)
(POUT=8W)
70
80
50
40
30
95
90
100
FIG.5 The relation curve between fSW and RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com