Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW11AF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUW11AF
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW11AF Datasheet(HTML) 2 Page - NXP Semiconductors

  BUW11AF Datasheet HTML 1Page - NXP Semiconductors BUW11AF Datasheet HTML 2Page - NXP Semiconductors BUW11AF Datasheet HTML 3Page - NXP Semiconductors BUW11AF Datasheet HTML 4Page - NXP Semiconductors BUW11AF Datasheet HTML 5Page - NXP Semiconductors BUW11AF Datasheet HTML 6Page - NXP Semiconductors BUW11AF Datasheet HTML 7Page - NXP Semiconductors BUW11AF Datasheet HTML 8Page - NXP Semiconductors BUW11AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Aug 14
2
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW11F; BUW11AF
DESCRIPTION
High-voltage, high-speed,
glass-passivated NPN power
transistor in a SOT199 package.
APPLICATIONS
• Converters
• Inverters
• Switching regulators
• Motor control systems.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
mb
mounting base;
electrically isolated
ook, halfpage
123
MSB012
Front view
Fig.1 Simplified outline (SOT199) and symbol.
handbook, halfpage
3
2
1
MBB008
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VCESM
collector-emitter peak voltage
VBE =0
BUW11F
850
V
BUW11AF
1000
V
VCEO
collector-emitter voltage
open base
BUW11F
400
V
BUW11AF
450
V
VCEsat
collector-emitter saturation voltage
1.5
V
ICsat
collector saturation current
BUW11F
3
A
BUW11AF
2.5
A
IC
collector current (DC)
see Figs 2 and 4
5
A
ICM
collector current (peak value)
tp < 20 ms; see Fig.2
10
A
Ptot
total power dissipation
Th ≤ 25 °C; see Fig.3
32
W
tf
fall time
resistive load; see Figs 8 and 9
0.8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com