Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVK-50V331MIEB-R5 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HVK-50V331MIEB-R5
Description  CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HVK-50V331MIEB-R5 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HVK-50V331MIEB-R5 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HVK-50V331MIEB-R5 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
RSHVK331M1UGL5005B (Previous PN: HVK-50V331MIEB-R5)
Features
Item Summary
330uF±20%, 50V, φ12.5x13.5mm, SMD
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
200
Products characteristics table
Capacitance
330 uF ± 20 %
Rated Voltage
50 V
tanδ (max)
0.1
Operating Temp. Range
-55 to +125 ℃
Leakage current (min)
165 uA at 2 min
Rated Ripple (max)
3500 mArms at 100k Hz / 125 ℃
Impedance ratio
1.5
___[-25℃/+20℃]
Impedance ratio
2
___[-55℃/+20℃]
ESR (max)
20 mΩ at 100k Hz / 20 ℃
Endurance
6000 hr at 125 ℃
___[Test time]
Endurance
Within ±30% of initial value
___[Capacitance change]
Endurance
200% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
(SMD)
Type
Conductive Polymer Hybrid
RoHS Compliance (10 subst.)
Yes
REACH Compliance (235 subst.)
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ12.5 ±0.5 mm
Dimension L
13.5 ±0.5 mm
Dimension P (F)
Typ 4.6 mm
Dimension C (d)
Typ 4.9 mm
2023.10.16
1 / 1


Similar Part No. - HVK-50V331MIEB-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HVK-50V331MIEB-R5 TAIYO-YUDEN-HVK-50V331MIEB-R5 Datasheet
248Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
More results

Similar Description - HVK-50V331MIEB-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HVK-25V271MH90E-R2 TAIYO-YUDEN-HVK-25V271MH90E-R2 Datasheet
246Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
HVK-25V561MHC5E-R2 TAIYO-YUDEN-HVK-25V561MHC5E-R2 Datasheet
246Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
HVK-35V221MH90E-R2 TAIYO-YUDEN-HVK-35V221MH90E-R2 Datasheet
246Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
HVK-50V820MH90E-R2 TAIYO-YUDEN-HVK-50V820MH90E-R2 Datasheet
246Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
HVK-63V100MF61E-R2 TAIYO-YUDEN-HVK-63V100MF61E-R2 Datasheet
246Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
HVK-25V271MH90B-R2 TAIYO-YUDEN-HVK-25V271MH90B-R2 Datasheet
247Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
RSHVK220M1UDC8002B TAIYO-YUDEN-RSHVK220M1UDC8002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
RSHVK220M4EDE7002B TAIYO-YUDEN-RSHVK220M4EDE7002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
RSHVK270M4EEF7002B TAIYO-YUDEN-RSHVK270M4EEF7002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
RSHVK680M1GDE7002B TAIYO-YUDEN-RSHVK680M1GDE7002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com