Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8150-AF5-D-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 8150-AF5-D-R
Description  POWER RESET IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8150-AF5-D-R Datasheet(HTML) 4 Page - Unisonic Technologies

  8150-AF5-D-R Datasheet HTML 1Page - Unisonic Technologies 8150-AF5-D-R Datasheet HTML 2Page - Unisonic Technologies 8150-AF5-D-R Datasheet HTML 3Page - Unisonic Technologies 8150-AF5-D-R Datasheet HTML 4Page - Unisonic Technologies 8150-AF5-D-R Datasheet HTML 5Page - Unisonic Technologies 8150-AF5-D-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
81XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R119-001,J
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
(*1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
“H” Transmission Delay Time
TpLH (*2)
4
CL=100pF, RL=4.7KΩ
20
60
µS
“L” Transmission Delay Time
TpHL (*3)
4
CL=100pF, RL=4.7kΩ
20
60
µS
Operating Threshold Voltage
VOPL
1
RL=4.7kΩ, VOL≦0.4V
0.65
0.85
V
Output current at ON Time 1
IOL1
2
RL=0, VCC=Vs min.-0.05V,
VOUT=0.4V
5
mA
Output current at ON Time 2
IOL2
2
Ta=-20~+75
°C
RL=0, VCC=VSS min.-0.15V
VOUT=0.4V
3
mA
Note:
(*1) MEASUREMENT CIRCUIT
(*2) TpLH: VCC=(VSS Typ. –0.4V) -> (VSS Typ. +0.4V)
(*3) TpHL: VCC=(VSS Typ. +0.4V) -> (VSS Typ. -0.4V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com