Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZD24-CL2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ZD24-CL2-R
Description  ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ZD24-CL2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ZD24-CL2-R Datasheet HTML 1Page - Unisonic Technologies ZD24-CL2-R Datasheet HTML 2Page - Unisonic Technologies ZD24-CL2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZD2.4 THRU ZD36
ZENER DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-006,A
ABSOLUTE MAXIMUM RATING (Ta=25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
225
mW
Total Power Dissipation (Ta=25℃)
Derating above 25℃
PD
1.8
mW/℃
Thermal Resistance Junction-Ambient
θJA
417
℃
/W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
(VF = 0.9V Max @ IF = 10mA for all types.)
Test Current
Zener Voltage
ZZK (Ω)
ZZT(Ω)
IR (µA)
Device
Marking Code
IZT(mA)
VZ (V)
Max
IZ(mA)
Max
IZ(mA)
Max
@VR (V)
ZD2.4
2.4
5
2.4±2.5%
2000
1.0
100
5
20.0
1.0
ZD2.5
2.5
5
2.5±2.5%
2000
1.0
100
5
20.0
1.0
ZD3.3
3.3
5
3.3±2.5%
1000
1.0
100
5
10.0
1.0
ZD3.9
3.9
5
3.9±2.5%
1000
1.0
100
5
5.0
1.0
ZD4.3
4.3
5
4.3±2.5%
1000
1.0
100
5
5.0
1.0
ZD4.7
4.7
5
4.7±2.5%
800
0.5
100
5
2.0
1.0
ZD5.1
5.1
5
5.1±2.5%
500
0.5
80
5
2.0
1.5
ZD5.6
5.6
5
5.6±2.5%
200
0.5
60
5
1.0
2.5
ZD6.0
6.0
5
6.0±2.5%
100
0.5
60
5
1.0
2.5
ZD6.2
6.2
5
6.2±2.5%
100
0.5
60
5
1.0
3.0
ZD6.8
6.8
5
6.8±2.5%
60
0.5
40
5
0.5
3.5
ZD7.5
7.5
5
7.5±2.5%
60
0.5
30
5
0.5
4.0
ZD8.2
8.2
5
8.2±2.5%
60
0.5
30
5
0.5
5.0
ZD9.1
9.1
5
9.1±2.5%
60
0.5
30
5
0.5
6.0
ZD10
10
5
10±2.5%
60
0.5
30
5
0.1
7.0
ZD11
11
5
11±2.5%
60
0.5
30
5
0.1
8.0
ZD12
12
5
12±2.5%
80
0.5
30
5
0.1
9.0
ZD13
13
5
13±2.5%
80
0.5
37
5
0.1
10.0
ZD15
15
5
15±2.5%
80
0.5
42
5
0.1
11.0
ZD16
16
5
16±2.5%
80
0.5
50
5
0.1
12.0
ZD18
18
5
18±2.5%
80
0.5
65
5
0.1
13.0
ZD20
20
5
20±2.5%
100
0.5
85
5
0.1
15.0
ZD22
22
5
22±2.5%
100
0.5
100
5
0.1
17.0
ZD24
24
5
24±2.5%
120
0.5
120
5
0.1
19.0
ZD25
25
5
25±2.5%
130
0.5
130
5
0.1
19.0
ZD27
27
5
27±2.5%
150
0.5
150
5
0.1
21.0
ZD30
30
5
30±2.5%
200
0.5
200
5
0.1
23.0
ZD33
33
5
33±2.5%
250
0.5
250
5
0.1
25.0
ZD36
36
5
36±2.5%
300
0.5
300
5
0.1
27.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com