Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUW13AF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUW13AF
Description  Silicon diffused power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW13AF Datasheet(HTML) 5 Page - NXP Semiconductors

  BUW13AF Datasheet HTML 1Page - NXP Semiconductors BUW13AF Datasheet HTML 2Page - NXP Semiconductors BUW13AF Datasheet HTML 3Page - NXP Semiconductors BUW13AF Datasheet HTML 4Page - NXP Semiconductors BUW13AF Datasheet HTML 5Page - NXP Semiconductors BUW13AF Datasheet HTML 6Page - NXP Semiconductors BUW13AF Datasheet HTML 7Page - NXP Semiconductors BUW13AF Datasheet HTML 8Page - NXP Semiconductors BUW13AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1997 Aug 13
5
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW13F; BUW13AF
Note
1. Measured with a half-sinewave voltage (curve tracer).
tf
fall time
BUW13F
ICon = 10 A; IB =2A;
VCL = 250 V; Tc = 100 °C
−
200
300
ns
BUW13AF
ICon = 8 A; IB = 1.6 A;
VCL = 300 V; Tc = 100 °C
−
200
300
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.2 Power derating curve.
handbook, halfpage
050
Th (
oC)
100
150
120
0
40
80
MGK674
Ptot max
(%)
Fig.3 Reverse bias SOAR.
Tc ≤ 100 °C; VBE = −1to −5V.
handbook, halfpage
20
0
400
IC
(A)
1200
VCE (V)
0
MGB896
800
10
BUW13F
BUW13AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com