Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812B-D8-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 1812B-D8-R
Description  SINGLE SOUND GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1812B-D8-R Datasheet(HTML) 4 Page - Unisonic Technologies

  1812B-D8-R Datasheet HTML 1Page - Unisonic Technologies 1812B-D8-R Datasheet HTML 2Page - Unisonic Technologies 1812B-D8-R Datasheet HTML 3Page - Unisonic Technologies 1812B-D8-R Datasheet HTML 4Page - Unisonic Technologies 1812B-D8-R Datasheet HTML 5Page - Unisonic Technologies 1812B-D8-R Datasheet HTML 6Page - Unisonic Technologies 1812B-D8-R Datasheet HTML 7Page - Unisonic Technologies 1812B-D8-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1812A/1812B/1813
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-006,E
ABSOLUTE MAXIMUN RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
-0.3~5
V
Input Voltage
VIN
Vss-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
0~+70
°C
Storage Temperature
TSTG
-40~+150
°C
Note:
1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature
range and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
VDD =3V
2.4
3
3.3
V
“H” Input Voltage
VIH
VDD =3V
2.4
V
“L” Input Voltage
VIL
VDD =3V
0.6
V
Output Source Current
IOH
VDD =3V, VOH=2.5V
-1
-2
mA
Output Sink Current
IOL
VDD =3V, VOL=0.5V
1
2
mA
ENV Source Current
IENV
VDD =3V, VOH=2.5V
-1
-2
mA
LED Source Current
ILED
VDD =3V, VOH=2.5V
-1
-2
mA
Standby Current
IST-BY
VDD =3V
1
5
µA
Operating Current
IDD
VDD =3V, NO LOAD
300
600
µA
Oscillator Frequency
FOSC
R=270k
Ω
64
kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com