Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4066-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4066-P14-R
Description  QUAD BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  4066-P14-R Datasheet HTML 1Page - Unisonic Technologies 4066-P14-R Datasheet HTML 2Page - Unisonic Technologies 4066-P14-R Datasheet HTML 3Page - Unisonic Technologies 4066-P14-R Datasheet HTML 4Page - Unisonic Technologies 4066-P14-R Datasheet HTML 5Page - Unisonic Technologies 4066-P14-R Datasheet HTML 6Page - Unisonic Technologies 4066-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-009,C
AC ELECTRICAL CHARACTERISTICS (AC Parameters are guaranteed by DC correlated testing)
(Ta=25 ,
℃
tr=tf=20 ns and Vss=0V unless otherwise)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
VDD=5V
25
55
ns
VDD=10V
15
35
ns
Propagation Delay Time Signal
Input to Signal Output
TPHL, TPLH
Vc=VDD, CL=50pF, (Figure1)
RL=200k
VDD=15V
10
25
ns
VDD=5V
125
ns
VDD=10V
60
ns
Propagation Delay Time
Control Input to Signal
Output High Impedance to
Logical Level
tPZH, tPLZ
RL=1.0kΩ, CL=50pF
(Figure 2, Figure3)
VDD=15V
50
ns
Propagation Delay Time
Control Input to Signal
Output Logical Level to
High Impedance
Sine Wave Distortion
Frequency Response -Switch
“ON” (Frequency at-3dB)
tPHZ, tPLZ
RL=1.0kΩ, CL=50pF, (Figure 2, Figure3)
VDD=5V
VDD=10V
VDD=15V
Vc=VDD=5V, Vss= -5V
RL=10kΩ, VIS=5VP-P, f=1kHz, (Figure 4)
Vc=VDD=5V, Vss= -5V
RL=1kΩ, VIS=5Vp-p
20 Log10 VOS/VOS (1kHz)-dB
(Figure 4)
0.1
40
125
60
50
ns
ns
ns
%
MHz
Feedthrough - Switch “OFF”
(Frequency at –50 dB)
Crosstalk Between Any Two
Switches(Frequency at-50dB)
Crosstalk; Control Input to
Signal Output
Maximum Control Input
VDD=5.0V, Vcc=Vss= -5.0V,
RL=1kΩ, VIS=5.0VP-P, 20Log10,
VOS/VIS= -50dB, (Figure 4)
VDD=VC(A)=5.0V; Vss=Vc (B)=5.0V,
RL=1kΩ, VIS(A)=5.0VP-P, 20Log10,
VOS(B)/VIS (A)= -50dB (Figure 5)
VDD=10V, RL=10kΩ, RIN=1.0kΩ
Vcc=10V Square Wave, CL=50pF
(Figure 6)
RL=1.0kΩ, CL=50pF, (Figure 7)
Vos (f) =1/2Vos (1.0kHz)
VDD=5.0V
VDD=10V
VDD=15V
1.25
0.9
150
6.0
8.0
8.5
MHz
mVp-p
MHz
MHz
MHz
Signal Input Capacitance
CIS
8.0
pF
Signal Output Capacitance
COS
VDD=10V
8.0
pF
Feedthrough Capacitance
CIOS
VC=0V
0.5
pF
Control lnput Capacitance
CIN
5.0
7.5
pF
Note 1: These devices should not be connected to circuits with the power ”ON”
Note 2: In all cases, these is approximately 5pF of probe and jig capacitance in the output; however, this capacitance
is included in CL wherever it is specified.
Note 3: VIS is the voltage at the in/out pin and VOS is the voltage at the out/in pin. Vc is the voltage at the control
input.
Note 4: Conditions for VIHC: (a) VIS=VDD, Ios=standard B series IOH. (b) VIS=0V, IOL=standard B series IOL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com