Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812AL-S8-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1812AL-S8-R
Description  SINGLE SOUND GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1812AL-S8-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1812AL-S8-R Datasheet HTML 1Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 2Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 3Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 4Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 5Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 6Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 7Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1812A/1812B/1813
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-006,E
SINGLE SOUND GENERATOR
DESCRIPTION
The UTC 1812A/1812B/1813 is a CMOS LSI chip designed for
use in sound effect products .It is equipped with tone circuit, noise
circuit and other control logic to generate different sounds
including rifle gun, machine gun, booming sound, door bell, alarm
etc. The customer supplied sound source can be analyzed and
programmed into an internal ROM by changing a mask layer
during device fabrication. The UTC 1812A/1812B/1813 is suitable
for various toy applications.
FEATURES
*Single power supply: 2.4~3.3V
*Low standby current at 3V, 1µA typ
*Auto power-off function
*Speaker or direct piezo. application
*Built-in envelope control circuit
*1Hz-8Hz programmable LED flash output
*Minimum external components
*Low operating current
*Strong driving capability
DIP- 8
SOP-8
DIP-14
*Pb-free plating product number:
1812A/1812B/1813L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
1812A
-D8-R
1812AL
-D8-R
DIP-8
Tape Reel
1812A
-D8-T
1812AL
-D8-T
DIP-8
Tube
1812A
-S8-R
1812AL
-S8-R
SOP-8
Tape Reel
1812A
-S8-T
1812AL
-S8-T
SOP-8
Tube
1812B
-D8-R
1812BL
-D8-R
DIP-8
Tape Reel
1812B
-D8-T
1812BL
-D8-T
DIP-8
Tube
1812B
-S8-R
1812BL
-S8-R
SOP-8
Tape Reel
1812B
-S8-T
1812BL
-S8-T
SOP-8
Tube
1813
-D14-T
1813L
-D14-T
DIP-14
Tube


Similar Part No. - 1812AL-S8-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1812AL-S08-R UTC-1812AL-S08-R Datasheet
215Kb / 7P
SINGLE SOUND GENERATOR
1812AL-S08-T UTC-1812AL-S08-T Datasheet
215Kb / 7P
SINGLE SOUND GENERATOR
More results

Similar Description - 1812AL-S8-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AY3-8910 ETC-AY3-8910 Datasheet
532Kb / 5P
PROGRAMMABLE SOUND GENERATOR
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2812 HOLTEK-HT2812 Datasheet
343Kb / 17P
Single Sound Generator
10th July 97
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
Single Sound Generator
10th July 97
HT2821 HOLTEK-HT2821 Datasheet
246Kb / 9P
Dual Sound Generator
10th July 97
HT2860 HOLTEK-HT2860 Datasheet
553Kb / 9P
6-Sound Generator
11th July 97
HT2844 HOLTEK-HT2844 Datasheet
1Mb / 18P
4-Sound Generator
11th July 97
logo
List of Unclassifed Man...
AY-3-8910 ETC1-AY-3-8910 Datasheet
655Kb / 8P
Programmable Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A_12 Datasheet
215Kb / 7P
SINGLE SOUND GENERATOR
1812A UTC-1812A_15 Datasheet
301Kb / 8P
SINGLE SOUND GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com