Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75232-R20-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 75232-R20-T
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75232-R20-T Datasheet(HTML) 5 Page - Unisonic Technologies

  75232-R20-T Datasheet HTML 1Page - Unisonic Technologies 75232-R20-T Datasheet HTML 2Page - Unisonic Technologies 75232-R20-T Datasheet HTML 3Page - Unisonic Technologies 75232-R20-T Datasheet HTML 4Page - Unisonic Technologies 75232-R20-T Datasheet HTML 5Page - Unisonic Technologies 75232-R20-T Datasheet HTML 6Page - Unisonic Technologies 75232-R20-T Datasheet HTML 7Page - Unisonic Technologies 75232-R20-T Datasheet HTML 8Page - Unisonic Technologies 75232-R20-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
75232
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R113-005,D
PARAMETER MEASUREMENT INFORMATION
DRIVER TEST CIRCUITS:
IIH
-IIL
VDD
VCC
VIN
VSS
VIN
Figure. 1 For VOH, VOL, IOS(H), IOS(L)
Figure. 2 For IIH, IIL
DRIVER VOLTAGE WAVEFORMS:
Figure. 3
Note: 1. The pulse generator characteristics: tW=25μs, PRR=20kHz, ZO=50Ω, tR=tF<50ns.
2. CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com